Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27291SL Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 27291SL
Description  RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

27291SL Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 27291SL Datasheet HTML 10Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 11Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 12Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 13Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 14Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 15Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 16Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 17Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
RF Device Data
Freescale Semiconductor
MRFE6VP8600HR6 MRFE6VP8600HR5 MRFE6VP8600HSR6 MRFE6VP8600HSR5
470--860 MHz REFERENCE CIRCUIT
Zo =10 Ω
Zsource
f = 470 MHz
f = 860 MHz
f = 470 MHz
f = 860 MHz
Zload
VDD =50 Vdc,IDQ = 1400 mA, Pout = 125 W Avg.
f
MHz
Zsource
Ω
Zload
Ω
470
1.96 -- j3.13
5.30 + j1.92
500
1.91 -- j2.46
4.65 + j1.95
530
1.88 -- j1.86
4.50 + j2.35
560
1.91 -- j1.37
4.71 + j2.66
590
1.93 -- j0.94
5.40 + j2.75
620
1.99 -- j0.49
5.93 + j2.29
650
2.11 -- j0.14
6.03 + j1.81
680
2.17 + j0.02
6.04 + j1.45
710
2.14 + j0.26
5.58 + j0.95
740
2.11 + j0.32
5.37 + j0.80
770
1.92 + j0.56
4.80 + j0.56
800
1.65 + j0.91
4.78 + j0.55
830
1.50 + j1.07
4.59 + j0.45
860
0.95 + j1.72
3.93 + j0.11
Zsource = Test circuit impedance as measured from
gate to gate, balanced configuration.
Zload
= Test circuit impedance as measured
from drain to drain, balanced configuration.
Figure 22. Broadband Series Equivalent Source and Load Impedance — 470--860 MHz
Z source
Z load
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
--
--
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com