Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27291SL Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 27291SL
Description  RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

27291SL Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 27291SL Datasheet HTML 8Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 9Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 10Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 11Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 12Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 13Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 14Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 15Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
RF Device Data
Freescale Semiconductor
MRFE6VP8600HR6 MRFE6VP8600HR5 MRFE6VP8600HSR6 MRFE6VP8600HSR5
TYPICAL CHARACTERISTICS — 470--860 MHz REFERENCE CIRCUIT
1000
15
21
0
60
Pout, OUTPUT POWER (WATTS) PULSED
Figure 16. Broadband Pulsed Power Gain and Drain
Efficiency versus Output Power — 470--860 MHz
100
10
19
18
17
16
40
30
20
10
Gps
ηD
20
50
--13
--6
900
450
IRL
Gps
f, FREQUENCY (MHz)
Figure 17. Broadband Pulsed Power Gain, Drain
Efficiency and IRL versus Frequency
800
750
700
650
600
550
500
21
20
66
62
46
38
ηD
17
16
13
19
18
54
--5
--11
Figure 18. DVB--T (8k OFDM) Drain Efficiency, Power Gain and
IMD Shoulder versus Output Power — 470--860 MHz
5--35
Pout, OUTPUT POWER (WATTS) AVG.
35
--5
25
10
--15
40
--25
Gps
VDD =50 Vdc,IDQ = 1400 mA
DVB--T (8k OFDM), 64 QAM Data
Carrier Modulation, 5 Symbols
30
0
200
15
ηD
860 MHz
15
14
850
--7
20
IMD(1)
VDD =50 Vdc,Pout = 600 W Peak, IDQ = 1400 mA
Pulse Width = 100 μsec, Duty Cycle = 10%
665 MHz
470 MHz
860 MHz
470 MHz
665 MHz
665 MHz
470 MHz
860 MHz
665 MHz
470 MHz
665 MHz
470 MHz
860 MHz
58
50
42
34
--10
--20
--30
400
VDD =50 Vdc,IDQ = 1400 mA
Pulse Width = 100 μsec
Duty Cycle = 10%
860 MHz
80
120
160
(1) Intermodulation distortion shoulder measurement made using
delta marker at 4.2 MHz offset from center frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com