Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27291SL Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 27291SL
Description  RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

27291SL Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  27291SL Datasheet HTML 1Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 2Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 3Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 4Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 5Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 6Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 7Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 8Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
RF Device Data
Freescale Semiconductor
MRFE6VP8600HR6 MRFE6VP8600HR5 MRFE6VP8600HSR6 MRFE6VP8600HSR5
Figure 2. MRFE6VP8600HR6(HSR6) Test Circuit Component Layout — 860 MHz, DVB--T (8k OFDM)
MRFE6VP8600H
Rev. 1
C1 C2
L1
R1
COAX1
COAX2
C4
C3
C5
C6
L2
C7
C8*
C9
C10
L3
R2
C24
C25
C26
COAX3
COAX4
C14*
C15*
C16*
C17*
C18*
C22
C21 C20
C19
C23*
C11
C12
C13
*C8, C14, C15, C16, C17, C18 and C23 are mounted vertically.
Table 5. MRFE6VP8600HR6(HSR6) Test Circuit Component Designations and Values — 860 MHz, DVB--T (8k OFDM)
Part
Description
Part Number
Manufacturer
C1, C9
10 μF, 50 V, Chip Capacitors
GRM55DR61H106KA88L
Murata
C2, C10
2.2 μF, 50 V, Chip Capacitors
C3225X7R1H225K
TDK
C3, C4, C20, C21, C23
100 pF Chip Capacitors
ATC100B101JT500XT
ATC
C5, C6
24 pF Chip Capacitors
ATC100B240JT500XT
ATC
C7
0.8--8.0 pF Variable Capacitor
27291SL
Johanson Components
C8
12 pF Chip Capacitor
ATC100B120JT500XT
ATC
C11, C24
2.2 μF, 100 V, Chip Capacitors
C3225X7R2A225KT
TDK
C12, C25
4.7 μF, 100 V, Chip Capacitors
GRM55ER72A475KA01B
Murata
C13, C26
470 μF, 63 V Electrolytic Capacitors
MCGPR63V477M13X26--RH
Multicomp
C14
6.8 pF Chip Capacitor
ATC100B6R8CT500XT
ATC
C15
3.0 pF Chip Capacitor
ATC100B3R0CT500XT
ATC
C16
2.7 pF Chip Capacitor
ATC100B2R7BT500XT
ATC
C17
3.9 pF Chip Capacitor
ATC100B3R9CT500XT
ATC
C18
5.1 pF Chip Capacitor
ATC100B5R1CT500XT
ATC
C19, C22
1000 pF Chip Capacitors
ATC100B102JT50XT
ATC
Coax1, 2, 3, 4
25 Ω SemiRigid Coax, Length 2.0”
UT--141C--25
Micro--Coax
L1, L3
5.0 nH, 2 Turn Inductors
A02TKLC
Coilcraft
L2
2.5 nH, 1 Turn Inductor
A01TKLC
Coilcraft
R1, R2
10 Ω, 1/4 W Chip Resistors
CRCW120610R0JNEA
Vishay
PCB
0.030″, εr =3.5
RO4350B
Rogers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com