Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27291SL Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 27291SL
Description  RF Power LDMOS Transistors High Ruggedness N--Channel Enhancement--Mode Lateral MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

27291SL Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 27291SL Datasheet HTML 9Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 10Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 11Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 12Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 13Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 14Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 15Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 16Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MRFE6VP8600HR6 MRFE6VP8600HR5 MRFE6VP8600HSR6 MRFE6VP8600HSR5
13
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS — 470--860 MHz REFERENCE CIRCUIT
Figure 19. DVB--T (8k OFDM) Drain Efficiency, Power Gain and
IMD Shoulder versus Output Power — 470--860 MHz
5--30
Pout, OUTPUT POWER (WATTS) AVG.
40
5
25
10
--5
--15
Gps
VDD = 50 Vdc, IDQ = 700 mA
DVB--T (8k OFDM), 64 QAM Data
Carrier Modulation, 5 Symbols
30
15
ηD
20
IMD(1)
470 MHz
665 MHz
665 MHz
--
0
--10
--20
860 MHz
470 MHz
665 MHz
860 MHz
470 MHz
860 MHz
35
40
0
200
80
120
160
--25
(1) Intermodulation distortion shoulder measurement made using
delta marker at 4.2 MHz offset from center frequency.
TC =35°C
f, FREQUENCY (MHz)
Figure 20. Broadband Power Gain and IRL versus Frequency
900
450
VDD =50 Vdc,Pout = 125 W Avg.
IDQ = 1400 mA, DVB--T (8k OFDM)
64 QAM Data Carrier Modulation, 5 Symbols
10
21
17
13
19
15
--12
0
--3
500
600
700
800
--4
--11
Gps
IRL
75°C
22
20
18
16
14
12
11
550
650
750
850
--1
--2
--5
--6
--10
--9
--7
--8
75°C
50°C
50°C
35°C
f, FREQUENCY (MHz)
Figure 21. Broadband Drain Efficiency and IMD Shoulder versus Frequency
900
450
VDD =50 Vdc,Pout = 125 W Avg., IDQ = 1400 mA
DVB--T (8k OFDM), 64 QAM Data Carrier Modulation, 5 Symbols
17
37
35
27
31
--35
--15
--19
--23
--17
--21
TC =35°C
IMD(1)
ηD
35°C
75°C
500
600
700
800
(1) Intermodulation distortion shoulder measurement made using
delta marker at 4.2 MHz offset from center frequency.
29
19
21
--25
--29
--27
--33
--31
550
650
750
850
50°C
50°C
75°C
33
25
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com