Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9854ASQ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9854ASQ
Description  CMOS 300 MHz Quadrature Complete-DDS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9854ASQ Datasheet(HTML) 5 Page - Analog Devices

  AD9854ASQ Datasheet HTML 1Page - Analog Devices AD9854ASQ Datasheet HTML 2Page - Analog Devices AD9854ASQ Datasheet HTML 3Page - Analog Devices AD9854ASQ Datasheet HTML 4Page - Analog Devices AD9854ASQ Datasheet HTML 5Page - Analog Devices AD9854ASQ Datasheet HTML 6Page - Analog Devices AD9854ASQ Datasheet HTML 7Page - Analog Devices AD9854ASQ Datasheet HTML 8Page - Analog Devices AD9854ASQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
AD9854
–5–
REV. 0
PIN FUNCTION DESCRIPTIONS
Pin
No.
Pin Name
Function
1–8
D7–D0
Eight-Bit Bidirectional Parallel Programming Data Inputs. Used only in parallel programming mode.
9, 10, 23,
DVDD
Connections for the Digital Circuitry Supply Voltage. Nominally 3.3 V more positive than AGND
24, 25, 73,
and DGND.
74, 79, 80
11, 12, 26,
DGND
Connections for Digital Circuitry Ground Return. Same potential as AGND.
27, 28, 72,
75, 76, 77,
78
13, 35, 57,
NC
No Internal Connection.
58, 63
14–19
A5–A0
Six-Bit Parallel Address Inputs for Program Registers. Used only in parallel programming mode. A0, A1,
and A2 have a second function when the serial programming mode is selected. See immediately below.
(17)
A2/IO RESET
Allows a RESET of the serial communications bus that is unresponsive due to improper program-
ming protocol. Resetting the serial bus in this manner does not affect previous programming nor
does it invoke the “default” programming values seen in the Table V. Active HIGH.
(18)
A1/SDO
Unidirectional Serial Data Output for Use in 3-Wire Serial Communication Mode.
(19)
A0/SDIO
Bidirectional Serial Data Input/Output for Use in 2-Wire Serial Communication Mode.
20
I/O UD
Bidirectional Frequency Update Signal. Direction is selected in control register. If selected as an input,
a rising edge will transfer the contents of the programming registers to the internal works of the IC for
processing. If I/O UD is selected as an output, an output pulse (low to high) of eight system clock cycle
duration indicates that an internal frequency update has occurred.
21
WRB/SCLK
Write Parallel Data to Programming Registers. Shared function with SCLK. Serial clock signal
associated with the serial programming bus. Data is registered on the rising edge. This pin is shared with
WRB when the parallel mode is selected.
22
RDB/CSB
Read Parallel Data from Programming Registers. Shared function with CSB. Chip-select signal
associated with the serial programming bus. Active LOW. This pin is shared with RDB when
the parallel mode is selected.
29
FSK/BPSK/
Multifunction Pin According to the Mode of Operation Selected in the Programming Control Register.
HOLD
If in the FSK mode logic low selects F1, logic high selects F2. If in the BPSK mode, logic low selects
Phase 1, logic high selects Phase 2. If in the Chirp mode, logic high engages the HOLD function
causing the frequency accumulator to halt at its current location. To resume or commence Chirp,
logic low is asserted.
30
SHAPED
Must First Be Selected in the Programming Control Register to Function. A logic high will cause the
KEYING
I and Q DAC outputs to ramp-up from zero-scale to full-scale amplitude at a preprogrammed rate.
Logic low causes the full-scale output to ramp-down to zero-scale at the preprogrammed rate.
31, 32, 37,
AVDD
Connections for the Analog Circuitry Supply Voltage. Nominally 3.3 V more positive than AGND
38, 44, 50,
and DGND
54, 60, 65
33, 34, 39,
AGND
Connections for Analog Circuitry Ground Return. Same potential as DGND.
40, 41, 45,
46, 47, 53,
59, 62, 66,
67
36
VOUT
Internal High-Speed Comparator’s Noninverted Output Pin. Designed to drive 10 dBm to 50
Ω load
as well as standard CMOS logic levels.
42
VINP
Voltage Input Positive. The internal high-speed comparator’s noninverting input.
43
VINN
Voltage Input Negative. The internal high-speed comparator’s inverting input.
48
IOUT1
Unipolar Current Output of the I or Cosine DAC.
49
IOUT1B
Complementary Unipolar Current Output of the I or Cosine DAC.
51
IOUT2B
Complementary Unipolar Current Output of the Q or Sine or DAC.
52
IOUT2
Unipolar Current Output of the Q or Sine DAC. This DAC can be programmed to accept
external 12-bit data in lieu of internal sine data. This allows the AD9854 to emulate the AD9852
control DAC function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com