Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9854ASQ Datasheet(PDF) 33 Page - Analog Devices

Part # AD9854ASQ
Description  CMOS 300 MHz Quadrature Complete-DDS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9854ASQ Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9854ASQ Datasheet HTML 29Page - Analog Devices AD9854ASQ Datasheet HTML 30Page - Analog Devices AD9854ASQ Datasheet HTML 31Page - Analog Devices AD9854ASQ Datasheet HTML 32Page - Analog Devices AD9854ASQ Datasheet HTML 33Page - Analog Devices AD9854ASQ Datasheet HTML 34Page - Analog Devices AD9854ASQ Datasheet HTML 35Page - Analog Devices AD9854ASQ Datasheet HTML 36Page - Analog Devices AD9854ASQ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
AD9854
–33–
REV. 0
FREQUENCY – MHz
1400
20
1200
1000
800
600
400
200
0
60
100
140
180
220
260
300
ALL CIRCUITS ENABLED
BASIC CONFIGURATION
Figure 57a. Current Consumption vs. Clock Frequency
Figure 57a shows the supply current consumed by the AD9854
over a range of frequencies for two possible configurations: all
circuits enabled means the output scaling multipliers, the inverse
sinc filter, the Q DAC, and the on-board comparator are all en-
abled. Basic configuration means the output scaling multipliers,
the inverse sinc filter, the Q DAC, and the on-board comparator
are all disabled.
FREQUENCY – MHz
450
1
400
350
300
250
200
150
0
2345678
100
50
Q DAC
500
INVERSE SINC FILTER
OUTPUT SCALING
MULTIPLIERS
COMPARATOR
Figure 57b. Current Consumption by Function vs. Clock
Frequency
Figure 57b shows the approximate current consumed by each of
four functions.
EVALUATION OF OPERATING CONDITIONS
The first step in applying the AD9854 is to select the internal
clock frequency. Clock frequency selections above 200 MHz
will require the thermally-enhanced package (AD9854ASQ);
clock frequency selections of 200 MHz and below may allow
the user to use the standard plastic surface-mount package, but
more information will be needed to make that determination.
The second step is to determine the maximum required operating
temperature for the AD9854 in the given application. Subtract
this value from 150
°C, which is the maximum junction tem-
perature allowed for the AD9854. For the extended industrial
temperature range of 85
°C, the result will be 65°C. This is the
maximum rise in temperature that the junction may experience
due to power dissipation.
The third step is to divide this maximum rise number by the
thermal impedance, to arrive at the maximum power dissipation
allowed for the application. For the example so far, 65
°C divided
by both versions of the AD9854 package’s thermal impedances
of 38
°C/W and 16°C/W, yields a total power dissipation limit
of 1.7 W and 4.1 W (respectively). This means that for a 3.3 V
nominal power supply voltage, the current consumed by the device
under full operating conditions must not exceed 515 mA in the
standard plastic package and 1242 mA in the thermally-enhanced
package. The total set of enabled functions and operating condi-
tions of the AD9854 application must support these current
consumption limits.
Figures 57a and Figure 57b may be used to determine the
suitability of a given AD9854 application vs. power dissipation
requirements. These graphs assume that the AD9854 device will
be soldered to a multilayer PCB per the recommended best
manufacturing practices and procedures for the given package
type. This ensures that the specified thermal impedance spec-
ifications will be achieved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com