Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9854ASQ Datasheet(PDF) 14 Page - Analog Devices

Part # AD9854ASQ
Description  CMOS 300 MHz Quadrature Complete-DDS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9854ASQ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9854ASQ Datasheet HTML 10Page - Analog Devices AD9854ASQ Datasheet HTML 11Page - Analog Devices AD9854ASQ Datasheet HTML 12Page - Analog Devices AD9854ASQ Datasheet HTML 13Page - Analog Devices AD9854ASQ Datasheet HTML 14Page - Analog Devices AD9854ASQ Datasheet HTML 15Page - Analog Devices AD9854ASQ Datasheet HTML 16Page - Analog Devices AD9854ASQ Datasheet HTML 17Page - Analog Devices AD9854ASQ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
AD9854
–14–
REV. 0
(continued from page 1)
architecture allows the generation of simultaneous quadrature out-
puts at frequencies up to 150 MHz, which can be digitally tuned
at a rate of up to 100 million new frequencies per second. The
(externally filtered) sine wave output can be converted to a
square wave by the internal comparator for agile clock generator
applications. The device provides 14 bits of digitally-controlled
phase modulation and single-pin PSK. The on-board 12-bit I
and Q DACs, coupled with the innovative DDS architecture,
provide excellent wideband and narrowband output SFDR. The
Q-DAC can also be configured as a user-programmable control
DAC if the quadrature function is not desired. When configured
with the on-board comparator, the 12-bit control DAC facilitates
static duty cycle control in the high-speed clock generator appli-
cations. Two 12-bit digital multipliers permit programmable
amplitude modulation, shaped on/off keying and precise ampli-
tude control of the quadrature outputs. Chirp functionality is
also included which facilitates wide bandwidth frequency
sweeping applications. The AD9854’s programmable 4
×–20×
REFCLK multiplier circuit generates the 300 MHz clock inter-
nally from a lower frequency external reference clock. This saves
the user the expense and difficulty of implementing a 300 MHz
clock source. Direct 300 MHz clocking is also accommodated
with either single-ended or differential inputs. Single-pin con-
ventional FSK and the enhanced spectral qualities of “ramped”
FSK are supported. The AD9854 uses advanced 0.35 micron
CMOS technology to provide this high level of functionality on
a single 3.3 V supply.
The AD9854 is available in a space-saving 80-lead LQFP
surface mount package and a thermally-enhanced 80-lead LQFP
package. The AD9854 is pin-for-pin compatible with the AD9852
single-tone synthesizer. It is specified to operate over the extended
industrial temperature range of –40
°C to +85°C.
OVERVIEW
The AD9854 quadrature output digital synthesizer is a highly
flexible device that will address a wide range of applications.
The device consists of an NCO with 48-bit phase accumulator,
programmable reference clock multiplier, inverse sinc filters,
digital multipliers, two 12-bit/300 MHz DACs, high-speed
analog comparator, and interface logic. This highly integrated
device can be configured to serve as a synthesized LO, agile clock
generator, and FSK/BPSK modulator. The theory of operation of
the functional blocks of the device, and a technical description
of the signal flow through a DDS device, can be found in a
tutorial from Analog Devices called “A Technical Tutorial on
Digital Signal Synthesis.” This tutorial is available on CD-ROM
and information on obtaining it can be found at the Analog
Devices DDS website at www.analog.com/dds. The tutorial
also provides basic applications information for a variety of
digital synthesis implementations. The DDS background subject
matter is not covered in this data sheet; the functions and features
of the AD9854 will be individually discussed herein.
USING THE AD9854
Internal and External Update Clock
This function is comprised of a bidirectional I/O pin, Pin 20, and a
programmable 32-bit down-counter. In order for programming
changes to be transferred from the I/O Buffer registers to the active
core of the DDS, a clock signal (low to high edge) must be externally
supplied to Pin 20 or internally generated by the 32-bit Update Clock.
An externally generated Update Clock is internally synchronized
with the system clock to prevent partial transfer of program
register information due to violation of data setup or hold times.
This mode gives the user complete control of when updated
program information becomes effective. The default mode is set
for internal update clock (Int Update Clk control register bit is
logic high). To switch to external update clock mode, the Int
Update Clk register bit must be set to logic low. The internal
update mode generates automatic, periodic update pulses whose
time period is set by the user.
An internally generated Update Clock can be established by
programming the 32-bit Update Clock registers (address 16–19
hex) and setting the Int Update Clk (address 1F hex) control
register bit to logic high. The update clock down-counter function
operates at the system clock/2 (150 MHz maximum) and counts
down from a 32-bit binary value (programmed by the user).
When the count reaches 0, an automatic I/O Update of the DDS
output or functions is generated. The update clock is internally
and externally routed on Pin 20 to allow users to synchronize
programming of update information with the update clock rate.
The time period between update pulses is given as:
(N+1)
× (SYSTEM CLOCK PERIOD × 2)
where N is the 32-bit value programmed by the user. Allow-
able range of N is from 1 to (2
32 –1). The internally generated
update pulse output on Pin 20 has a fixed high time of eight system
clock cycles.
Shaped On/Off Keying
Allows user to control the ramp-up and ramp-down time of an
“on/off” emission from the I and Q DACs. This function is
used in “burst transmissions” of digital data to reduce the adverse
spectral impact of short, abrupt bursts of data. Users must first
enable the digital multipliers by setting the OSK EN bit (con-
trol register address 20 hex) to logic high in the control register.
Otherwise, if the OSK EN bit is set low, the digital multipliers
responsible for amplitude-control are bypassed and the I and Q
DAC outputs are set to full-scale amplitude. In addition to set-
ting the OSK EN bit, a second control bit, OSK INT (also at
address 20 hex), must be set to logic high. Logic high selects the
linear internal control of the output ramp-up or ramp-down
function. A logic low in the OSK INT bit switches control of
the digital multipliers to user programmable 12-bit registers
allowing users to dynamically shape the amplitude transition in
practically any fashion. These 12-bit registers, labeled “Output
Shape Key I and Output Shape Key Q” are located at addresses
21 through 24 hex in Table V. The maximum output amplitude
is a function of the RSET resistor and is not programmable when
OSK INT is enabled.
ABRUPT ON/OFF KEYING
SHAPED ON/OFF KEYING
Figure 31. Shaped On/Off Keying



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com