Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9854ASQ Datasheet(PDF) 19 Page - Analog Devices

Part # AD9854ASQ
Description  CMOS 300 MHz Quadrature Complete-DDS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9854ASQ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9854ASQ Datasheet HTML 15Page - Analog Devices AD9854ASQ Datasheet HTML 16Page - Analog Devices AD9854ASQ Datasheet HTML 17Page - Analog Devices AD9854ASQ Datasheet HTML 18Page - Analog Devices AD9854ASQ Datasheet HTML 19Page - Analog Devices AD9854ASQ Datasheet HTML 20Page - Analog Devices AD9854ASQ Datasheet HTML 21Page - Analog Devices AD9854ASQ Datasheet HTML 22Page - Analog Devices AD9854ASQ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
AD9854
–19–
REV. 0
F1
F2
0
MODE
TW1
TW2
FSK DATA
010 (RAMPED FSK)
F1
F2
000 (DEFAULT)
0
0
Figure 38. Ramped FSK Mode
Ramped FSK (Mode = 010)
A method of FSK whereby changes from F1 to F2 are not
instantaneous but, instead, are accomplished in a frequency
sweep or “ramped” fashion. The “ramped” notation implies
that the sweep is linear. While linear sweeping or frequency
ramping is easily and automatically accomplished, it is only one
of many possibilities. Other frequency transition schemes may
be implemented by changing the ramp rate and ramp step size
“on-the-fly,” in piecewise fashion.
Frequency ramping, whether linear or nonlinear, necessitates
that many intermediate frequencies between F1 and F2 will be
output in addition to the primary F1 and F2 frequencies. Figures
37 and 38 graphically depict the frequency versus time charac-
teristics of a linear ramped FSK signal.
The purpose of ramped FSK is to provide better bandwidth
containment than traditional FSK by replacing the instantaneous
frequency changes with more gradual, user-defined frequency
changes. The dwell time at F1 and F2 can be equal to or much
greater than the time spent at each intermediate frequency. The
user controls the dwell time at F1 and F2, the number of inter-
mediate frequencies and time spent at each frequency. Unlike
unramped FSK, ramped FSK requires the lowest frequency to be
loaded into F1 registers and the highest frequency into F2 registers.
Several registers must be programmed to instruct the DDS
regarding the resolution of intermediate frequency steps (48
bits) and the time spent at each step (20 bits). Furthermore, the
CLR ACC1 bit in the control register should be toggled (low-high-
low) prior to operation to assure that the frequency accumulator
is starting from an “all zeros” output condition. For piecewise,
nonlinear frequency transitions, it is necessary to reprogram the
registers while the frequency transition is in progress to affect the
desired response.
Parallel register addresses 1A–1C hex comprise the 20-bit “Ramp
Rate Clock” registers. This is a countdown counter that outputs
a single pulse whenever the count reaches zero. The counter
is activated any time a logic level change occurs on FSK input
Pin 29. This counter is run at the System Clock Rate, 300 MHz
maximum. The time period between each output pulse is given as
(N+1)
× (SYSTEM CLOCK PERIOD)
where N is the 20-bit ramp rate clock value programmed by the
user. Allowable range of N is from 1 to (220 –1). The output of
this counter clocks the 48-bit Frequency Accumulator shown
below in Figure 39. The Ramp Rate Clock determines the amount
of time spent at each intermediate frequency between F1 and F2.
The counter stops automatically when the destination frequency
is achieved. The “dwell time” spent at F1 and F2 is determined
by the duration that the FSK input, Pin 29, is held high or low
after the destination frequency has been reached.
FREQUENCY
TUNING
WORD 1
20-BIT
RAMP RATE
CLOCK
48-BIT DELTA-
FREQUENCY
WORD
FREQUENCY
ACCUMULATOR
PHASE
ACCUMULATOR
OUT
ADDER
FSK
(PIN 29)
SYSTEM
CLOCK
FREQUENCY
TUNING
WORD 2
Figure 39. Block Diagram of Ramped FSK Function
Parallel register addresses 10–15 hex comprise the 48-bit, straight
binary, “Delta Frequency Word” registers. This 48-bit word
is accumulated (added to the accumulator’s output) every time
it receives a clock pulse from the ramp rate counter. The output
of this accumulator is then added to or subtracted from the F1
or F2 frequency word, which is then fed to the input of the 48-bit
Phase Accumulator that forms the numerical phase steps for the
sine and cosine wave outputs. In this fashion, the output frequency
is ramped up and down in frequency, according to the logic-
state of Pin 29. The rate at which this happens is a function of
the 20-bit ramp rate clock. Once the destination frequency is
achieved, the ramp rate clock is stopped, which halts the frequency
accumulation process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com