Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9854ASQ Datasheet(PDF) 30 Page - Analog Devices

Part # AD9854ASQ
Description  CMOS 300 MHz Quadrature Complete-DDS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9854ASQ Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9854ASQ Datasheet HTML 26Page - Analog Devices AD9854ASQ Datasheet HTML 27Page - Analog Devices AD9854ASQ Datasheet HTML 28Page - Analog Devices AD9854ASQ Datasheet HTML 29Page - Analog Devices AD9854ASQ Datasheet HTML 30Page - Analog Devices AD9854ASQ Datasheet HTML 31Page - Analog Devices AD9854ASQ Datasheet HTML 32Page - Analog Devices AD9854ASQ Datasheet HTML 33Page - Analog Devices AD9854ASQ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
AD9854
–30–
REV. 0
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
17
16
15
14
13
12
11
10
SDIO
SCLK
CS
IR WRITE PHASE
DATA TRANSFER – TWO BYTE WRITE
Figure 55. Data Write Cycle, SCLK Idle High
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
17
16
15
14
13
12
11
10
SDIO
SDO
SCLK
CS
IR WRITE PHASE
DATA TRANSFER – TWO BYTE READ
Figure 56. Data Read Cycle, 3-Wire Configuration, SCLK Idle Low
MSB/LSB TRANSFERS
The AD9854 serial port can support both most significant bit
(MSB) first or least significant bit (LSB) first data formats. This
functionality is controlled by Bit 1 of serial register bank 20h.
When this bit is set active high, the AD9854 serial port is in LSB
first format. This bit defaults low, to the MSB first format. The
instruction byte must be written in the format indicated by Bit 1
of serial register bank 20h. That is, if the AD9854 is in LSB first
mode, the instruction byte must be written from least significant
bit to most significant bit.
Update Clock Operation
Programming the AD9854 is asynchronous to the system clock
with all data being stored in a buffer memory that does not
immediately affect the part operation. The buffer memory is
transferred to the register bank synchronous to system clock.
The register bank information affects part operation.
This transfer of data can occur automatically, with frequency of
updates programmable by the user, or can occur completely under
user control.
Complete user control, referred to as external update mode,
allows the user to drive the I/O UD signal from their ASIC or
DSP. The AD9854 I/O UD pin is configured as an input in
external update mode. A rising edge on I/O UD indicates to
the AD9854 that the contents of the buffer memory is to be
transferred to the register bank. The design uses an edge detector
to signal the AD9854 to transfer data which allows a very small
minimum high pulse width requirement (two system clock peri-
ods). Its important to note that if the user keeps I/O UD high,
the AD9854 will NOT continuously update the register bank.
Internal update mode, in which the AD9854 transfers data from
the buffer memory to the register bank automatically, configures
the AD9854 I/O UD pin as an output. The AD9854 generates a
high pulse on I/O UD pin to signal the user that the buffer memory
has just been transferred to the register bank. The minimum
high pulsewidth is designed to be eight system clock cycles (min).
The I/O UD signal can be used as an interrupt within the system.
Its important to note that as an output I/O UD pin will not have
anything approaching a 50/50 duty cycle for slower update rates.
Programming the Update Clock register for values less than five
will cause the I/O UD pin to remain high. The update clock func-
tionality still works, its just that the user cannot use the signal as
an indication that data is transferring. This is an affect of the
minimum high pulse time when I/O UD is an output.
For internal update clock operation, the rate which the updates
occur is programmed into the update clock register. The update
clock register is 32 bits and the value written into the register
corresponds to HALF the number of clock cycles between updates.
That is, if a value of 00_00_00_0A (hex), is written into the update
clock register the rising edge of the I/O UD pin will occur every
20 cycles (0A hex equals 10 decimal).
CONTROL REGISTER
The Control Register is located in the shaded portion of the
Table V at address 1D through 20 hex. It is composed of 32
bits. Bit 31 is located at the top left position and Bit 0 is located
in the lower right position of the shaded table portion. The reg-
ister has been subdivided below to make it easier to locate the
text associated with specific control categories.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com