Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1031 Datasheet(PDF) 14 Page - Analog Devices

Part # ADM1031
Description  Intelligent Temperature Monitor and Dual PWM Fan Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1031 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADM1031 Datasheet HTML 10Page - Analog Devices ADM1031 Datasheet HTML 11Page - Analog Devices ADM1031 Datasheet HTML 12Page - Analog Devices ADM1031 Datasheet HTML 13Page - Analog Devices ADM1031 Datasheet HTML 14Page - Analog Devices ADM1031 Datasheet HTML 15Page - Analog Devices ADM1031 Datasheet HTML 16Page - Analog Devices ADM1031 Datasheet HTML 17Page - Analog Devices ADM1031 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
REV. 0
ADM1031
–14–
It should be noted however, that changing the minimum PWM
duty cycle affects the control loop behavior.
Slope 1 of Figure 10 shows TMIN set to 0
°C and the TRANGE chosen
is 40
°C. In this case, the fan’s PWM duty cycle will vary over the
range 33% to 100%. The fan will run full-speed at 40
°C. If the
minimum PWM duty cycle at which the fan runs at TMIN is changed,
its effect can be seen on Slopes 2 and 3. Take Case 2, where
the minimum PWM duty cycle is reprogrammed from 33%
(default) to 53%.
TEMPERATURE – C
100
93
87
80
73
66
60
47
40
33
TMIN
16
28
40
60
0
53
Figure 10. Effect of Changing Minimum Duty Cycle on
Control Loop with Fixed TMIN and TRANGE Values
The fan will actually reach full speed at a much lower temperature;
28
°C. Case 3 shows that when the minimum PWM duty cycle was
increased to 73%, the temperature at which the fan ran full speed
was 16
°C. So the effect of increasing the minimum PWM duty cycle,
with a fixed TMIN and fixed TRANGE, is that the fan will actually
reach full speed (TMAX) at a lower temperature than TMIN + TRANGE.
How can TMAX be calculated?
In Automatic Fan Speed Control Mode, the register that holds the
minimum PWM duty cycle at TMIN, is the Fan Speed Config
Register (Register 0x22). Table VII shows the relationship between
the decimal values written to the Fan Speed Config Register and PWM
duty cycle obtained.
Table VII. Programming PWM Duty Cycle
Decimal Value
PWM Duty Cycle
00
0%
01
7%
02
14%
03
20%
04
27%
05
33% (Default)
06
40%
07
47%
08
53%
09
60%
10 (0x0A)
67%
11 (0x0B)
73%
12 (0x0C)
80%
13 (0x0D)
87%
14 (0x0E)
93%
15 (0x0F)
100%
The temperature at which the fan will run full-speed (100%
duty cycle) is given by:
TMAX = TMIN + ((Max DC – Min DC)
× TRANGE/10)
where,
TMAX
= Temperature at which fan runs full-speed.
TMIN
= Temperature at which fan will turn on.
Max DC = Maximum Duty Cycle (100%) = 15 decimal.
Min DC = Duty Cycle at TMIN, programmed in to Fan Speed
Config Register (default = 33% = 5 decimal).
TRANGE
= PWM Duty Cycle versus Temperature Slope.
Example 1
TMIN
=0
°C, TRANGE = 40°C
Min DC = 53% = 8 Decimal (Table VII)
Calculate TMAX.
TMAX
=TMIN + ((Max DC – Min DC)
× T
RANGE/10)
TMAX
= 0 + ((100% DC – 53% DC)
× 40/10)
TMAX
= 0 + ((15 – 8)
× 4) = 28
TMAX
=28 C (As seen on Slope 2 of Figure 10)
Example 2
TMIN
=0
°C, TRANGE = 40°C
Min DC = 73% = 11 Decimal (Table VII)
Calculate TMAX.
TMAX
=TMIN + ((Max DC – Min DC)
× TRANGE/10)
TMAX
= 0 + ((100% DC – 73% DC)
× 40/10)
TMAX
= 0 + ((15 – 11)
× 4) = 16
TMAX
=16 C (As seen on Slope 3 of Figure 10)
Example 3
TMIN
=0
°C, TRANGE = 40°C
Min DC = 33% = 5 Decimal (Table VII)
Calculate TMAX.
TMAX
=TMIN + ((Max DC – Min DC)
× TRANGE/10)
TMAX
= 0 + ((100% DC – 33% DC)
× 40/10)
TMAX
= 0 + ((15 – 5)
× 4) = 40
TMAX
=40 C (As seen on Slope 1 of Figure 10)
In this case, since the Minimum Duty Cycle is the default 33%,
the equation for TMAX reduces to:
TMAX
=TMIN + ((Max DC – Min DC)
× T
RANGE/10)
TMAX
=TMIN + ((15 – 5)
× T
RANGE/10)
TMAX
=TMIN + (10
× T
RANGE/10)
TMAX
=TMIN + TRANGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com