| Electronic Components Datasheet Search |
|
ADM1031 Datasheet(PDF) 17 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADM1031 Datasheet(HTML) 17 Page - Analog Devices |
|
17 / 32 page ![]() REV. 0 ADM1031 –17– TIME – s 012 140 80 40 60 20 0 80 60 40 20 0 120 120 100 100 RTEMP PWM DUTY CYCLE Figure 13. Filtered Mode with Ramp Rate = 8 Figure 14 shows how changing the ramp rate from 8 to 4 affects the control loop. The overall response of the fan is slower. Since the ramp rate is reduced, it takes longer for the fan to achieve full running speed. In this case, it took approximately 22 seconds for the fan to reach full speed. TIME – s 022 120 80 40 60 20 0 140 80 60 40 20 0 110 120 100 RTEMP PWM DUTY CYCLE Figure 14. Filtered Mode with Ramp Rate = 4 Figure 15 shows the PWM output response for a ramp rate of 2. In this instance the fan took about 54 seconds to reach full running speed. 80 60 40 20 0 120 100 TIME – s 054 140 80 40 60 20 0 120 100 RTEMP PWM DUTY CYCLE Figure 15. Filtered Mode with Ramp Rate = 2 Finally, Figure 16 shows how the control loop reacts to tem- perature with the slowest ramp rate. The ramp rate is set to 1, while all other control parameters remain the same. With the slowest ramp rate selected it took 112 seconds for the fan to reach full speed. TIME – s 0 112 120 80 40 60 20 0 140 80 60 40 20 0 110 120 100 RTEMP PWM DUTY CYCLE Figure 16. Filtered Mode with Ramp Rate = 1 As can be seen from Figures 13 through 16, the rate at which the fan will react to temperature change is dependent on the ramp rate selected in the Fan Filter Register. The higher the ramp rate, the faster the fan will reach the newly calculated fan speed. Figure 17 shows the behavior of the PWM output as tempera- ture varies. As the temperature is rising, the fan speed will ramp up. Small drops in temperature will not affect the ramp-up function since the newly calculated fan speed will still be higher than the previous PWM value. The Filtered Mode allows the PWM output to be made less sensitive to temperature varia- tions. This will be dependent on the ramp rate selected and the ADC sample rate programmed into the Fan Filter Register. 90 90 TIME – s 80 80 70 70 60 60 50 50 40 40 30 30 20 20 10 10 00 RTEMP PWM DUTY CYCLE Figure 17. How Fan Reacts to Temperature Variation in Filtered Mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |