Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1031 Datasheet(PDF) 20 Page - Analog Devices

Part # ADM1031
Description  Intelligent Temperature Monitor and Dual PWM Fan Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1031 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADM1031 Datasheet HTML 16Page - Analog Devices ADM1031 Datasheet HTML 17Page - Analog Devices ADM1031 Datasheet HTML 18Page - Analog Devices ADM1031 Datasheet HTML 19Page - Analog Devices ADM1031 Datasheet HTML 20Page - Analog Devices ADM1031 Datasheet HTML 21Page - Analog Devices ADM1031 Datasheet HTML 22Page - Analog Devices ADM1031 Datasheet HTML 23Page - Analog Devices ADM1031 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
REV. 0
ADM1031
–20–
1. Run the fan at 53% PWM duty cycle in Software Mode. Clear
Bits 5 and 7 of Configuration Register 1 (Reg 0x00) to enter
PWM duty cycle mode. Write 0x08 to the Fan Speed Config
Register (Reg 0x22) to set the PWM output to 53% duty cycle.
2. Measure the fan RPM. This represents the fan RPM below
which the RPM mode will fail to operate. Do NOT program a
lower RPM than this value when using RPM Feedback mode.
3. Ensure that Speed Range, N, = 2 when using RPM Feed-
back mode.
Fans come in a variety of different options. One distinguishing
feature of fans is the number of poles that a fan has internally.
The most common fans available have four, six, or eight poles.
The number of poles the fan has generally affects the number of
pulses per revolution the fan outputs.
If the ADM1031 is used to drive fans other than 4-pole fans that
output 2 tach pulses/revolution, then the fan speed measurement
equation needs to be adjusted to calculate and display the cor-
rect fan speed, and also to program the correct count value in
RPM Feedback Mode.
FAN SPEED MEASUREMENT EQUATIONS
For a 4-pole fan (2 tach pulses/rev):
Fan RPM = (f
× 60)/Count × N
For a 6-pole fan (3 tach pulses/rev):
Fan RPM = (f
× 60)/(Count × N × 1.5)
For an 8-pole fan (4 tach pulses/rev):
Fan RPM = (f
× 60)/(Count × N × 2)
If in doubt as to the number of poles the fans used have, or the
number of tach output pulses/rev, consult the fan manufacturer’s
data sheet, or contact the fan vendor for more information.
FAN DRIVE USING PWM CONTROL
The external circuitry required to drive a fan using PWM con-
trol is extremely simple. A single NMOS FET is the only drive
transistor required. The specifications of the MOSFET depend
on the maximum current required by the fan being driven.
Typical notebook fans draw a nominal 170 mA, and so SOT
devices can be used where board space is a constraint. If driving
several fans in parallel from a single PWM output, or driving
larger server fans, the MOSFET will need to handle the higher
current requirements. The only other stipulation is that the
MOSFET should have a gate voltage drive, VGS < 3.3 V, for
direct interfacing to the PWM_OUT pin. The MOSFET should
also have a low on-resistance to ensure that there is not signifi-
cant voltage drop across the FET. This would reduce the
maximum operating speed of the fan.
Figure 18 shows how a 3-wire fan may be driven using
PWM control.
+V
Q1
NDT3055L
PWM_OUT
5V OR 12V
FAN
TACH/AIN
ADM1031
3.3V
10k
TYPICAL
TACH
10k
TYPICAL
3.3V
Figure 18. Interfacing the ADM1031 to a 3-Wire Fan
The NDT3055L n-type MOSFET was chosen since it has 3.3 V
gate drive, low on-resistance, and can handle 3.5 A of current.
Other MOSFETs may be substituted based on the system’s fan
drive requirements.
+V
Q1
NDT3055L
PWM_OUT
5V OR 12V
FAN
TACH/AIN
ADM1031
3.3V
10k
TYPICAL
TACH
RSENSE
(2
TYPICAL)
0.01 F
Figure 19. Interfacing the ADM1031 to a 2-Wire Fan
Figure 19 shows how a 2-wire fan may be connected to the
ADM1031. This circuit allows the speed of the 2-wire fan to be
measured even though the fan has no dedicated Tach signal. A
series RSENSE resistor in the fan circuit converts the fan commu-
tation pulses into a voltage. This is ac-coupled into the ADM1031
through the 0.01
µF capacitor. On-chip signal conditioning
allows accurate monitoring of fan speed. For typical notebook
fans drawing approximately 170 mA, a 2
Ω RSENSE value is
suitable. For fans such as desktop or server fans that draw
more current, RSENSE may be reduced. The smaller RSENSE is,
the better, since more voltage will be developed across the fan,
and the fan will spin faster. Figure 20 shows a typical plot of
the sensing waveform at the TACH/AIN pin. The most important
thing is that the negative-going spikes are more than 250 mV
in amplitude. This will be the case for most fans when RSENSE
= 2
Ω. The value of RSENSE can be reduced as long as the volt-
age spikes at the TACH/AIN pin are greater than 250 mV. This
allows fan speed to be reliably determined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com