Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1031 Datasheet(PDF) 28 Page - Analog Devices

Part # ADM1031
Description  Intelligent Temperature Monitor and Dual PWM Fan Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1031 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADM1031 Datasheet HTML 24Page - Analog Devices ADM1031 Datasheet HTML 25Page - Analog Devices ADM1031 Datasheet HTML 26Page - Analog Devices ADM1031 Datasheet HTML 27Page - Analog Devices ADM1031 Datasheet HTML 28Page - Analog Devices ADM1031 Datasheet HTML 29Page - Analog Devices ADM1031 Datasheet HTML 30Page - Analog Devices ADM1031 Datasheet HTML 31Page - Analog Devices ADM1031 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
REV. 0
ADM1031
–28–
Table XXIV. Register 0x25 Remote 1 Temp TMIN/TRANGE Power-On Default = 61H
Bit
Name
R/
W
Description
<7:3>
Remote 1 Temp TMIN
Read/Write
Contains the minimum temperature value for Automatic Fan Speed Control
based on Remote 1 Temperature Readings. TMIN can be programmed to
positive values only in 4
°C increments. Default is 48°C.
00000 = 0
°C
00001 = 4
°C
00010 = 8
°C
00011 = 12
°C
|
|
01100 = 48
°C (Default)
|
|
|
11110 = 120
°C
11111 = 124
°C
<2:0>
Remote 1 Temp TRANGE
Read/Write
This nibble contains the temperature range value for Automatic Fan Speed
Control based on the Remote 1 Temp Readings.
000 = 5
°C
001 = 10
°C (Default)
010 = 20
°C
011 = 40
°C
100 = 80
°C
Table XXV. Register 0x26 Remote 2 Temp TMIN/TRANGE Power-On Default = 61H
Bit
Name
R/
W
Description
<7:3>
Remote 2 Temp TMIN
Read/Write
Contains the minimum temperature value for Automatic Fan Speed Control
based on Remote 2 Temperature Readings. TMIN can be programmed to
positive values only in 4
°C increments. Default is 48°C.
00000 = 0
°C
00001 = 4
°C
00010 = 8
°C
00011 = 12
°C
|
|
01100 = 48
°C (Default)
|
|
11110 = 120
°C
11111 = 124
°C
<2:0>
Remote 2 Temp TRANGE
Read/Write
This nibble contains the temperature range value for Automatic Fan Speed
Control based on the Remote 2 Temp Readings.
000 = 5
°C
001 = 10
°C (Default)
010 = 20
°C
011 = 40
°C
100 = 80
°C
Table XXVI. Register 0x3F Therm Behavior/Revision Power-On Default = 80H
Bit
Name
R/
W
Description
<7>
Therm-to-Fan En
Read/Write
Setting this bit to 1, enables the fan to run full-speed when
THERM is
asserted low. This allows the system to be run in performance mode. Clear-
ing this bit to 0 disables the fan from running full-speed whenever
THERM
is asserted low. This allows the system to run in silent mode. (Power-On
Default = 1).
<3:0>
Revision
Read Only
This nibble contains the revision number for the ADM1031.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com