Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F102X8 Datasheet(PDF) 75 Page - STMicroelectronics

Part # STM32F102X8
Description  Medium-density USB access line,ARM-based 32b MCU with 64/128KB Flash,USB FS interface,6 timers, ADC&8 com. interfaces
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F102X8 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button STM32F102X8 Datasheet HTML 68Page - STMicroelectronics STM32F102X8 Datasheet HTML 69Page - STMicroelectronics STM32F102X8 Datasheet HTML 70Page - STMicroelectronics STM32F102X8 Datasheet HTML 71Page - STMicroelectronics STM32F102X8 Datasheet HTML 72Page - STMicroelectronics STM32F102X8 Datasheet HTML 73Page - STMicroelectronics STM32F102X8 Datasheet HTML 74Page - STMicroelectronics STM32F102X8 Datasheet HTML 75Page - STMicroelectronics STM32F102X8 Datasheet HTML 76Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 75 / 76 page
background image
STM32F102x8, STM32F102xB
Revision history
Doc ID 15056 Rev 4
75/76
27-Sep-2012
4
Figure 2: Clock tree: added FLITFCLK and Note 3., and modified Note 1..
Updated Note 2. in Table 39: I2C characteristics.
Updated Figure 25: Recommended NRST pin protection.
Changed tw(SCKH) to tw(SCLH), tw(SCKL) to tw(SCLL), tr(SCK) to tr(SCL), tf(SCK)
to tf(SCL), and tsu(STA:STO) to tw(STO:STA) in Figure 26: I2C bus AC
waveforms and measurement circuit(1).
Changed note for Ilkg and RPU and updated Note 1.content in Table 34:
I/O static characteristics. Updated text related to CMOS and TTL
compliance and added Figure 20, Figure 21, Figure 22, and Figure 23.
Updated Section : Output driving current.
In Table 41: SPI characteristics, removed note 1 related to SPI1
remapped characteristics.
Added DuCy(HSI) in Table 23: HSI oscillator characteristics.
Table 22: LSE oscillator characteristics (fLSE = 32.768 kHz): removed
note 2 related to oscillator selection, updated Note 2., and tSU(LSE)
specified for various ambient temperature values.
Updated Note 2. and Note 3. below Figure 35: Recommended footprint
(dimensions in mm)(1)(2)(3).
Table 35: Output voltage characteristics: updated VOL and VOH
conditions for TTL and CMOS outputs and added Note 2..
Replaced “TBD” by “-” for “max” specification of “Supply current in
Standby mode” in Table 15: Typical and maximum current consumptions
in Stop and Standby modes.
Removed “except for analog inputs” from paragraph “GPIOS (general-
purpose inputs/outputs) in Chapter 2.3: Overview.
Updated tw(HSE) min value in Table 19: High-speed external user clock
characteristics.
Added Note 2. in Table 5: Voltage characteristics.
Updated Note 3., Note 4. and Note 5. in Table 6: Current characteristics.
Updated Note 1. in Table 36: I/O AC characteristics.
Added Chapter 5.3.12: I/O current injection characteristics.
Updated Note 2. in Table 39: I2C characteristics.
Updated “Output driving current” paragraph in Chapter 5.3.13: I/O port
characteristics.
Updated Note:
Removed Note 4 and updated Note 3. in Table 39: I2C characteristics.
Updated Figure 29: SPI timing diagram - master mode(1) (SCK Output
instead of Input).
Replaced every occurrence of USBDP or USBDM by USB_DP or
USB_DM, respectively.
Table 55.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com