Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F102X8 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STM32F102X8
Description  Medium-density USB access line,ARM-based 32b MCU with 64/128KB Flash,USB FS interface,6 timers, ADC&8 com. interfaces
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F102X8 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STM32F102X8 Datasheet HTML 29Page - STMicroelectronics STM32F102X8 Datasheet HTML 30Page - STMicroelectronics STM32F102X8 Datasheet HTML 31Page - STMicroelectronics STM32F102X8 Datasheet HTML 32Page - STMicroelectronics STM32F102X8 Datasheet HTML 33Page - STMicroelectronics STM32F102X8 Datasheet HTML 34Page - STMicroelectronics STM32F102X8 Datasheet HTML 35Page - STMicroelectronics STM32F102X8 Datasheet HTML 36Page - STMicroelectronics STM32F102X8 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 76 page
background image
STM32F102x8, STM32F102xB
Electrical characteristics
Doc ID 15056 Rev 4
33/76
Table 14.
Maximum current consumption in Sleep mode, code running from Flash or RAM
Symbol
Parameter
Conditions
fHCLK
Max(1)
Unit
TA = 85 °C
IDD
Supply current in
Sleep mode
External clock(2) all
peripherals enabled
48 MHz
20
mA
36 MHz
15.5
24 MHz
11.5
16 MHz
8.5
8 MHz
5.5
External clock(2), all
peripherals disabled
48 MHz
6
36 MHz
5
24 MHz
4.5
16 MHz
4
8 MHz
3
1.
Based on characterization, tested in production at VDD max and fHCLK max with peripherals enabled.
2.
External clock is 8 MHz and PLL is on when fHCLK > 8 MHz.
Table 15.
Typical and maximum current consumptions in Stop and Standby modes
Symbol
Parameter
Conditions
Typ(1)
Max
Unit
VDD/ VBAT
= 2.4 V
VDD/VBAT
= 3.3 V
VDD/VBAT
= 2.0 V
TA =
85 °C
IDD
Supply current
in Stop mode
Regulator in Run mode,
Low-speed and high-speed internal RC
oscillators and high-speed oscillator
OFF (no independent watchdog)
23.5
24
-
200
µA
Regulator in Low Power mode,
Low-speed and high-speed internal RC
oscillators and high-speed oscillator
OFF (no independent watchdog)
13.5
14
-
180
Supply current
in Standby
mode(2)
Low-speed internal RC oscillator and
independent watchdog ON
2.6
3.4
-
-
Low-speed internal RC oscillator ON,
independent watchdog OFF
2.4
3.2
-
-
Low-speed internal RC oscillator and
independent watchdog OFF, low-speed
oscillator and RTC OFF
1.7
2
-
4
IDD_VBAT
Backup domain
supply current
Low-speed oscillator and RTC ON
1.1
1.4
0.9
1.9(3)
1.
Typical values are measured at TA = 25 °C.
2.
To have the Standby consumption with RTC ON, add IDD_VBAT (Low-speed oscillator and RTC ON) to IDD Standby (when
VDD is present the Backup Domain is powered by VDD supply).
3.
Based on characterization, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com