Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F102X8 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM32F102X8
Description  Medium-density USB access line,ARM-based 32b MCU with 64/128KB Flash,USB FS interface,6 timers, ADC&8 com. interfaces
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F102X8 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM32F102X8 Datasheet HTML 8Page - STMicroelectronics STM32F102X8 Datasheet HTML 9Page - STMicroelectronics STM32F102X8 Datasheet HTML 10Page - STMicroelectronics STM32F102X8 Datasheet HTML 11Page - STMicroelectronics STM32F102X8 Datasheet HTML 12Page - STMicroelectronics STM32F102X8 Datasheet HTML 13Page - STMicroelectronics STM32F102X8 Datasheet HTML 14Page - STMicroelectronics STM32F102X8 Datasheet HTML 15Page - STMicroelectronics STM32F102X8 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 76 page
background image
Description
STM32F102x8, STM32F102xB
12/76
Doc ID 15056 Rev 4
2.2
Full compatibility throughout the family
The STM32F102xx is a complete family whose members are fully pin-to-pin, software and
feature compatible. In the reference manual, the STM32F102x4 and STM32F102x6 are
referred to as low-density devices and the STM32F102x8 and STM32F102xB are referred to
as medium-density devices.
Low-density devices are an extension of the STM32F102x8/B devices, they are specified in
the STM32F102x4/6 datasheet. Low-density devices feature lower Flash memory and RAM
capacities, a timer and a few communication interfaces less.
The STM32F102x4 and STM32F102x6 are a drop-in replacement for the STM32F102x8/B
medium-density devices, allowing the user to try different memory densities and providing a
greater degree of freedom during the development cycle.
Moreover the STM32F102xx family is fully compatible with all existing STM32F101xx
access line and STM32F103xx performance line devices.
2.3
Overview
ARM® Cortex™-M3 core with embedded Flash and SRAM
The ARM Cortex™-M3 processor is the latest generation of ARM processors for embedded
systems. It has been developed to provide a low-cost platform that meets the needs of MCU
implementation, with a reduced pin count and low-power consumption, while delivering
outstanding computational performance and an advanced system response to interrupts.
The ARM Cortex™-M3 32-bit RISC processor features exceptional code-efficiency,
delivering the high-performance expected from an ARM core in the memory size usually
associated with 8- and 16-bit devices.
The STM32F102xx medium-density USB access line having an embedded ARM core, is
therefore compatible with all ARM tools and software.
Embedded Flash memory
64 or 128 Kbytes of embedded Flash is available for storing programs and data.
Table 3.
STM32F102xx USB access line family
Pinout
Low-density STM32F102xx devices
Medium-density STM32F102xx devices
16 KB Flash
32 KB Flash(1)
1.
For orderable part numbers that do not show the A internal code after the temperature range code (6), the
reference datasheet for electrical characteristics is that of the STM32F102x8/B medium-density devices.
64 KB Flash
128 KB Flash
4 KB RAM
6 KB RAM
10 KB RAM
16 KB RAM
64
2 × USARTs, 2 × 16-bit timers
1 × SPI, 1 × I2C, 1 × ADC, 1 × USB
3 × USARTs, 3 × 16-bit timers
2 × SPIs, 2 × I2Cs, 1 × ADC, 1 × USB
48
36
-
-
2 × USARTs, 3 × 16-
bit timers
1× SPI, 1× I2C, 1 ×
ADC, 1 × USB
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com