Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F102X8 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM32F102X8
Description  Medium-density USB access line,ARM-based 32b MCU with 64/128KB Flash,USB FS interface,6 timers, ADC&8 com. interfaces
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F102X8 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32F102X8 Datasheet HTML 9Page - STMicroelectronics STM32F102X8 Datasheet HTML 10Page - STMicroelectronics STM32F102X8 Datasheet HTML 11Page - STMicroelectronics STM32F102X8 Datasheet HTML 12Page - STMicroelectronics STM32F102X8 Datasheet HTML 13Page - STMicroelectronics STM32F102X8 Datasheet HTML 14Page - STMicroelectronics STM32F102X8 Datasheet HTML 15Page - STMicroelectronics STM32F102X8 Datasheet HTML 16Page - STMicroelectronics STM32F102X8 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
STM32F102x8, STM32F102xB
Description
Doc ID 15056 Rev 4
13/76
CRC (cyclic redundancy check) calculation unit
The CRC (cyclic redundancy check) calculation unit is used to get a CRC code from a 32-bit
data word and a fixed generator polynomial.
Among other applications, CRC-based techniques are used to verify data transmission or
storage integrity. In the scope of the EN/IEC 60335-1 standard, they offer a means of
verifying the Flash memory integrity. The CRC calculation unit helps compute a signature of
the software during runtime, to be compared with a reference signature generated at link-
time and stored at a given memory location.
Embedded SRAM
10 or 16 Kbytes of embedded SRAM accessed (read/write) at CPU clock speed with 0 wait
states.
Nested vectored interrupt controller (NVIC)
The STM32F102xx medium-density USB access line embeds a nested vectored interrupt
controller able to handle up to 36 maskable interrupt channels (not including the 16 interrupt
lines of Cortex™-M3) and 16 priority levels.
Closely coupled NVIC gives low latency interrupt processing
Interrupt entry vector table address passed directly to the core
Closely coupled NVIC core interface
Allows early processing of interrupts
Processing of late arriving higher priority interrupts
Support for tail-chaining
Processor state automatically saved
Interrupt entry restored on interrupt exit with no instruction overhead
This hardware block provides flexible interrupt management features with minimal interrupt
latency.
External interrupt/event controller (EXTI)
The external interrupt/event controller consists of 19 edge detectors lines used to generate
interrupt/event requests. Each line can be independently configured to select the trigger
event (rising edge, falling edge, both) and can be masked independently. A pending register
maintains the status of the interrupt requests. The EXTI can detect external line with pulse
width lower than the Internal APB2 clock period. Up to 51 GPIOs are connected to the 16
external interrupt lines.
Clocks and startup
System clock selection is performed on startup, however the internal RC 8 MHz oscillator is
selected as default CPU clock on reset. An external 4-16 MHz clock can be selected, in
which case it is monitored for failure. If failure is detected, the system automatically switches
back to the internal RC oscillator. A software interrupt is generated if enabled. Similarly, full
interrupt management of the PLL clock entry is available when necessary (for example on
failure of an indirectly used external crystal, resonator or oscillator).
Several prescalers allow the configuration of the AHB frequency, the High Speed APB
(APB2) and the low Speed APB (APB1) domains. The maximum frequency of the AHB and
the APB domains is 48 MHz. See Figure 2 for details on the clock tree.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com