Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F102X8 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32F102X8
Description  Medium-density USB access line,ARM-based 32b MCU with 64/128KB Flash,USB FS interface,6 timers, ADC&8 com. interfaces
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F102X8 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32F102X8 Datasheet HTML 7Page - STMicroelectronics STM32F102X8 Datasheet HTML 8Page - STMicroelectronics STM32F102X8 Datasheet HTML 9Page - STMicroelectronics STM32F102X8 Datasheet HTML 10Page - STMicroelectronics STM32F102X8 Datasheet HTML 11Page - STMicroelectronics STM32F102X8 Datasheet HTML 12Page - STMicroelectronics STM32F102X8 Datasheet HTML 13Page - STMicroelectronics STM32F102X8 Datasheet HTML 14Page - STMicroelectronics STM32F102X8 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
STM32F102x8, STM32F102xB
Description
Doc ID 15056 Rev 4
11/76
Figure 2.
Clock tree
1.
For the USB function to be available, both HSE and PLL must be enabled, with the USB clock output
(USBCLK) at 48 MHz.
2.
To have an ADC conversion time of 1.2 µs, APB2 must be at 12 MHz, 24 MHz or 48 MHz.
3.
The Flash memory programming interface clock (FLITFCLK) is always the HSI clock.
HSE OSC
4-16 MHz
OSC_IN
OSC_OUT
OSC32_IN
OSC32_OUT
LSE OSC
32.768 kHz
LSI RC
40 kHz
HSI RC
8 MHz
to Independent Watchdog (IWDG)
PLL
x2, x3, x4
PLLMUL
Legend:
MCO
Clock Output
Main
PLLXTPRE
/2
..., x16
AHB
Prescaler
/1, 2..512
/2
PLLCLK
HSI
HSE
APB1
Prescaler
/1, 2, 4, 8, 16
ADC
Prescaler
/2, 4, 6, 8
ADCCLK
PCLK1
HCLK
PLLCLK
to AHB bus, core,
memory and DMA
USBCLK
to USB interface
to TIM2, 3
and 4
USB
Prescaler
/1, 1.5
to ADC
LSE
LSI
HSI
/128
/2
HSI
HSE
peripherals
to APB1
Peripheral Clock
Enable (13 bits)
Enable (3 bits)
Peripheral Clock
APB2
Prescaler
/1, 2, 4, 8, 16
PCLK2
peripherals
to APB2
Peripheral Clock
Enable (11 bits)
48 MHz
48 MHz max
48 MHz
48 MHz max
24 MHz max
to RTC
PLLSRC
SW
MCO
CSS
to Cortex System timer
/8
Clock
Enable (3 bits)
SYSCLK
max
RTCCLK
RTCSEL[1:0]
TIMXCLK
IWDGCLK
SYSCLK
FCLK Cortex
free running clock
TIM2,3, 4
If (APB1 prescaler =1) x1
else
x2
HSE = high-speed external clock signal
HSI = high-speed internal clock signal
LSI = low-speed internal clock signal
LSE = low-speed external clock signal
ai14994b
To Flash prog. if FLITFCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com