Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML5012 Datasheet(PDF) 28 Page - Minilogic Device Corporation Limited

Part # ML5012
Description  12 Bit SAR A/D Converter 4-pins Serial control interface CS, DIN, DOUT, SCK
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML5012 Datasheet(HTML) 28 Page - Minilogic Device Corporation Limited

Back Button ML5012 Datasheet HTML 21Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 22Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 23Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 24Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 25Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 26Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 27Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 28Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 29Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
P28/29
Rev. M, May 2010
ML5012
8-2. General procedure of using comparison mode
This procedure below is to compare the analog voltage from the analog voltage between CHA2 and
AGND in single end input mode at PGA Gain = 20.48dB with internal reference digital value at A/D output
range from 0 to 4,095, and VREF = AGND
Operation
Setting
1
Start-up oscillator
ENOSC = 1
2
Set A/D Output Range : 0 to 4,095
AD_Range = 0
3
Set VREF = AGND
VGND = 1
3
Select single end analog input CHA2 and AGND
CHAB_SEL[2:0] = ‘001’ and
CHB_SEL[2:0] = ‘100’
4
Set PGA Gain = 20.48 dB
PGA_Gain Register = ‘1000 0000’
5
Store 12 bits of comparison data at A/D register
A/D[11:0] = ‘XXXX XXXX XXXX’
6
Specify operation mode and start A/D converter
A/D Configuration Register =’1011’
This procedure starts the A/D converter. When the conversion time has elapsed, the converter stops and
stores the result of comparison into bit RSLT of A/D configuration register as follow:
RSLT = ‘1’ when the analog input is higher than the reference voltage
RSLT = ‘0’ when the analog input is lower than the reference voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com