Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML5012 Datasheet(PDF) 17 Page - Minilogic Device Corporation Limited

Part # ML5012
Description  12 Bit SAR A/D Converter 4-pins Serial control interface CS, DIN, DOUT, SCK
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML5012 Datasheet(HTML) 17 Page - Minilogic Device Corporation Limited

Back Button ML5012 Datasheet HTML 13Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 14Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 15Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 16Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 17Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 18Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 19Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 20Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 21Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
P17/29
Rev. M, May 2010
ML5012
2. Chip Enable and Chip Reset
The CE input pin is an input for chip enabled controlled and chip reset controlled. When CE=0, the chip will enter
reset condition. In this time, all functions stops operating and the DOUT pin becomes tri-state output, and PADEOC
becomes low output. For reducing the power consumption, it is recommended to reset CE pin as 0 when ADC
function is inactive.
When CE=1, the chip will wake up from reset condition. All functions have ready to operate and the DOUT pin
becomes output data. The chip will get into waiting state to receive the command from serial interface.
Since no power on reset circuitry is built in this chip, it is necessary to set CE pin to 0 after power on state to initiate
this chip.
3. PGA OFFSET Initialization
After system power up, ML5012 will initialize the PGA Offset register automatically.
4. System register control
The AD_Clock controls the AD conversion clock frequency; slower clock can save power, but longer conversion time.
The STA_OPT, is the startup time option, the shorter the startup time, the sooner will get the result, but the AD result
may not be stable.
SMODE is the successive AD conversion mode, when enabled, the ADC will not be automatically disabled after each
AD conversion, otherwise, the ADC will be disabled after each AD conversion to save power, when enabled, and the
STA_OPT will not have effect after the first conversion, as the ADC is always enabled.
VGND_EN, “VREF = AGND” and VMID_EN, “VREF = (VR-AGND)/2” are selecting the VREF voltage to the PGA, from
the below output voltage equation of the PGA.
VREF
GAIN
PGA
V
V
OUT
PGA
CHB
CHA
+
×
−
=
_
)
(
_
Then the PGA_OUT will input to the ADC directly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com