Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML5012 Datasheet(PDF) 19 Page - Minilogic Device Corporation Limited

Part # ML5012
Description  12 Bit SAR A/D Converter 4-pins Serial control interface CS, DIN, DOUT, SCK
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML5012 Datasheet(HTML) 19 Page - Minilogic Device Corporation Limited

Back Button ML5012 Datasheet HTML 15Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 16Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 17Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 18Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 19Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 20Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 21Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 22Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 23Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
P19/29
Rev. M, May 2010
ML5012
5. A/D conversion mode
The A/D conversion mode converts the analog voltage on the A/D pin into the digital value. The input analog voltage
is successively compared with weighted voltages from the capacitor array. Digitized conversion data (12-bit) are
stored into 12 bits A/D register A/D[11:0].
The time required for the converter to complete conversion is as follows:
Conversion duration = Oscillator clock period x 15
Example:
(a). 150us (oscillator clock at 100KHz)
(b). 75us (oscillator clock at 200kHz)
Caution:
While in the A/D conversion mode, do not use A/D register A/D[11:0] to store other data.
5-1. Selecting PGA input channel AB & B, PGA Gain & A/D enable control
Executing STCH command to enable Oscillator and then select one of PGA input channel AB (ie. CHA1~4
or CHB1~4) & input channel B (ie. CHB1~4 or AGND) for differential or single end analog input.
Setting of Oscillator enable pins
Before using A/D conversion, ENOSC bit must be set to 1 to start-up the oscillator in order to
provide the clock for A/D conversion mode.
It is recommended to turn off the oscillator when A/D conversion mode is completed in order to
reduce the power consumption.
Setting of AD Output Range
Setting of AD Output Range
Output Range
AD_Range = 0
0 ~ 4,095
AD_Range = 1
-2,047 ~ 2,047
Please refer to Section 3-4 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com