Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML5012 Datasheet(PDF) 20 Page - Minilogic Device Corporation Limited

Part # ML5012
Description  12 Bit SAR A/D Converter 4-pins Serial control interface CS, DIN, DOUT, SCK
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML5012 Datasheet(HTML) 20 Page - Minilogic Device Corporation Limited

Back Button ML5012 Datasheet HTML 16Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 17Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 18Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 19Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 20Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 21Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 22Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 23Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 24Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
P20/29
Rev. M, May 2010
ML5012
Setting of PGA input channel A and B
Case 1 : Differential Analog Input
CHAB_SEL[2:0]
CHB_SEL[2:0]
Bit 2
Bit 1
Bit 0
Channel AB
Bit 2
Bit 1
Bit 0
Channel B
0
0
0
CHA1
0
0
0
CHB1
0
0
1
CHA2
0
0
1
CHB2
0
1
0
CHA3
0
1
0
CHB3
0
1
1
CHA4
0
1
1
CHB4
Case 2 : Single End Analog Input
CHAB_SEL[2:0]
CHB_SEL[2:0]
Bit 2
Bit 1
Bit 0
Channel AB
Bit 2
Bit 1
Bit 0
Channel B
0
0
0
CHA1
0
0
1
CHA2
0
1
0
CHA3
0
1
1
CHA4
1
0
0
CHB1
1
0
1
CHB2
1
1
0
CHB3
1
1
1
CHB4
1
0
0
AGND
Setting of PGA Gain
Executing PGA_AC command to set PGA Gain from 0dB to 40.25dB. Please refer to section 1-2 for
more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com