Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML5012 Datasheet(PDF) 15 Page - Minilogic Device Corporation Limited

Part # ML5012
Description  12 Bit SAR A/D Converter 4-pins Serial control interface CS, DIN, DOUT, SCK
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML5012 Datasheet(HTML) 15 Page - Minilogic Device Corporation Limited

Back Button ML5012 Datasheet HTML 11Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 12Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 13Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 14Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 15Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 16Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 17Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 18Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 19Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
P15/29
Rev. M, May 2010
ML5012
1-6
RR_PGA_AC Command. Read data from A/D Configuration Register
The following diagram shows the timing diagram of read data from A/D Configuration Register.
The DIN data in C1~C4 cycle is RR_AC command code.
The DIN data in C5 cycle is A/D converter enable bit, D11 = EN.
The DIN data in C6 cycle is Storage of comparison result bit, D10 = RSLT.
The DIN data in C7 cycle is Start/Stop bit of A/D converter, D9 = S/S.
The DIN data in C8 cycle is Operation Mode bit of A/D converter, D8 = MD.
The DIN data in C9~C16 cycles are PGA gain setting, D[7:0] = PGA[7:0].
A/D Converter Configuration Register Table
Control
Function
D11
D10
D9
D8
Operations
0
A/D Converter Disable
A/D Converter Enable
(EN)
1
A/D Converter Enable
0
Input voltage * PGA Gain < internal reference voltage
Storage of comparison result
(RSLT)
1
Input voltage * PGA Gain > internal reference voltage
0
Stop A/D Conversion or comparison operation
Start/Stop of A/D Converter
(S/S)
1
Start A/D Conversion or comparison operation
0
A/D Conversion Mode
Operation Mode of A/D Converter
(MD)
1
Comparison Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com