Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS2DH Datasheet(PDF) 19 Page - STMicroelectronics

Part # LIS2DH
Description  ultra low-power high performance 3-axis ?쐄emto??accelerometer
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DH Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LIS2DH Datasheet HTML 15Page - STMicroelectronics LIS2DH Datasheet HTML 16Page - STMicroelectronics LIS2DH Datasheet HTML 17Page - STMicroelectronics LIS2DH Datasheet HTML 18Page - STMicroelectronics LIS2DH Datasheet HTML 19Page - STMicroelectronics LIS2DH Datasheet HTML 20Page - STMicroelectronics LIS2DH Datasheet HTML 21Page - STMicroelectronics LIS2DH Datasheet HTML 22Page - STMicroelectronics LIS2DH Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
LIS2DH
Mechanical and electrical specifications
Doc ID 022516 Rev 1
19/49
The LIS2DH may also be configured to generate an inertial Wake-Up and Free-Fall interrupt
signal accordingly to a programmed acceleration event along the enabled axes. Both Free-
Fall and Wake-Up can be available simultaneously on two different pins.
2.9
Factory calibration
The IC interface is factory calibrated for sensitivity (So) and Zero-g level (TyOff).
The trimming values are stored inside the device in a non volatile memory. Any time the
device is turned on, the trimming parameters are downloaded into the registers to be used
during the active operation. This allows to use the device without further calibration.
2.10
FIFO
The LIS2DH contains a 10 bit, 32-level FIFO. Buffered output allows 4 operation modes:
FIFO, stream, trigger and FIFO ByPass. Where FIFO bypass mode is activated FIFO is not
operating and remains empty. In FIFO mode, data from acceleration detection on x, y, and z-
axes measurements are stored in FIFO.
2.11
Temperature sensor
The LIS2DH is supplied with an internal temperature sensor. Temperature data can be
enabled by setting the TEMP_EN bit of the TEMP_CFG_REG register to 1.
To retrieve the temperature sensor data BDU bit on CTRL_REG4 (23h) must be set to ‘1’.
Both OUT_TEMP_H and OUT_TEMP_L registers must be read.
Temperature data is stored inside OUT_TEMP_H as 2’s complement data in 8 bit format left
justified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com