Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS2DH Datasheet(PDF) 46 Page - STMicroelectronics

Part # LIS2DH
Description  ultra low-power high performance 3-axis ?쐄emto??accelerometer
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DH Datasheet(HTML) 46 Page - STMicroelectronics

Back Button LIS2DH Datasheet HTML 42Page - STMicroelectronics LIS2DH Datasheet HTML 43Page - STMicroelectronics LIS2DH Datasheet HTML 44Page - STMicroelectronics LIS2DH Datasheet HTML 45Page - STMicroelectronics LIS2DH Datasheet HTML 46Page - STMicroelectronics LIS2DH Datasheet HTML 47Page - STMicroelectronics LIS2DH Datasheet HTML 48Page - STMicroelectronics LIS2DH Datasheet HTML 49Page - STMicroelectronics LIS2DH Datasheet HTML 50Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 46 / 50 page
background image
Registers Description
LIS2DH
46/49
Doc ID 022516 Rev 1
7.33
Act_THS(3Eh)
7.34
Act_DUR (3Fh)
Table 78.
TIME_WINDOW description
TW7-TW0
Click-Click Time Window
Table 79.
TIME_WINDOW register
--
Acth6
Acth5
Acth4
Acth3
Acth2
Acth1
Acth0
Table 80.
TIME_WINDOW description
Acth[6-0]
Sleep to wake, return to Sleep activation threshold in Low power mode
1LSb = 16mg @FS=2g
1LSb = 32 mg @FS=4g
1LSb = 62 mg @FS=8g
1LSb = 186 mg @FS=16g
Table 81.
Act_DUR register
ActD7
ActD6
ActD5
ActD4
ActD3
ActD2
ActD1
ActD0
Table 82.
Act_DUR description
ActD[7-0]
Sleep to Wake, Return to Sleep duration
1LSb = (8*1[LSb]+1)/ODR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com