Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS2DH Datasheet(PDF) 35 Page - STMicroelectronics

Part # LIS2DH
Description  ultra low-power high performance 3-axis ?쐄emto??accelerometer
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DH Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LIS2DH Datasheet HTML 31Page - STMicroelectronics LIS2DH Datasheet HTML 32Page - STMicroelectronics LIS2DH Datasheet HTML 33Page - STMicroelectronics LIS2DH Datasheet HTML 34Page - STMicroelectronics LIS2DH Datasheet HTML 35Page - STMicroelectronics LIS2DH Datasheet HTML 36Page - STMicroelectronics LIS2DH Datasheet HTML 37Page - STMicroelectronics LIS2DH Datasheet HTML 38Page - STMicroelectronics LIS2DH Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
LIS2DH
Registers Description
Doc ID 022516 Rev 1
35/49
7.9
CTRL_REG4 (23h)
I1_AOI2
AOI2 interrupt on INT1 pin. Default value 0.
(0: Disable; 1: Enable)
I1_DRDY1
DRDY1 interrupt on INT1 pin. Default value 0.
(0: Disable; 1: Enable)
I1_DRDY2
DRDY2 interrupt on INT1 pin. Default value 0.
(0: Disable; 1: Enable)
I1_WTM
FIFO Watermark interrupt on INT1 pin. Default value 0.
(0: Disable; 1: Enable)
I1_OVERRUN
FIFO Overrun interrupt on INT1 pin. Default value 0.
(0: Disable; 1: Enable)
Table 33.
CTRL_REG3 description (continued)
Table 34.
CTRL_REG4 register
BDU
BLE(1)
1.
BLE function can be activated only in High Resolution mode
FS1
FS0
HR
ST1
ST0
SIM
Table 35.
CTRL_REG4 description
BDU
Block data update. Default value: 0
(0: continuos update; 1: output registers not updated until MSB and LSB have
been read)
BLE
Big/Little Endian data selection. Default value:0;
(0: data LSb at lower address; 1: data MSb at lower address)
The BLE function can be activated only in High Resolution mode
FS1-FS0
Full Scale selection. Default value: 00
(00: +/- 2G; 01: +/- 4G; 10: +/- 8G; 11: +/- 16G)
HR
Operating mode selection (refer to section 2.6.3: High resolution, Normal
mode, Low power mode)
ST1-ST0
Self Test Enable. Default value: 00
(00: Self Test Disabled; Other: See Table )
SIM
SPI Serial Interface Mode selection. Default value: 0
(0: 4-wire interface; 1: 3-wire interface).
Table 36.
Self test mode configuration
ST1
ST0
Self test mode
0
0
Normal mode
01
Self test 0
10
Self test 1
11
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com