Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS2DH Datasheet(PDF) 34 Page - STMicroelectronics

Part # LIS2DH
Description  ultra low-power high performance 3-axis ?쐄emto??accelerometer
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DH Datasheet(HTML) 34 Page - STMicroelectronics

Back Button LIS2DH Datasheet HTML 30Page - STMicroelectronics LIS2DH Datasheet HTML 31Page - STMicroelectronics LIS2DH Datasheet HTML 32Page - STMicroelectronics LIS2DH Datasheet HTML 33Page - STMicroelectronics LIS2DH Datasheet HTML 34Page - STMicroelectronics LIS2DH Datasheet HTML 35Page - STMicroelectronics LIS2DH Datasheet HTML 36Page - STMicroelectronics LIS2DH Datasheet HTML 37Page - STMicroelectronics LIS2DH Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
Registers Description
LIS2DH
34/49
Doc ID 022516 Rev 1
7.7
CTRL_REG2 (21h)
7.8
CTRL_REG3 (22h)
Table 29.
CTRL_REG2 register
HPM1
HPM0
HPCF2
HPCF1
FDS
HPCLICK
HPIS2
HPIS1
Table 30.
CTRL_REG2 description
HPM1 -HPM0
High Pass filter Mode Selection. Default value: 00
Refer to Table 31, "High pass filter mode configuration"
HPCF2 -
HPCF1
High Pass filter Cut Off frequency selection
FDS
Filtered Data Selection. Default value: 0
(0: internal filter bypassed; 1: data from internal filter sent to output register and
FIFO)
HPCLICK
High Pass filter enabled for CLICK function.
(0: filter bypassed; 1: filter enabled)
HPIS2
High Pass filter enabled for AOI function on Interrupt 2,
(0: filter bypassed; 1: filter enabled)
HPIS1
High Pass filter enabled for AOI function on Interrupt 1,
(0: filter bypassed; 1: filter enabled)
Table 31.
High pass filter mode configuration
HPM1
HPM0
High Pass filter Mode
0
0
Normal mode (reset reading REFERENCE/DATACAPTURE (26h) register)
0
1
Reference signal for filtering
1
0
Normal mode
1
1
Autoreset on interrupt event
Table 32.
CTRL_REG3 register
I1_CLICK
I1_AOI1
I1_AOI2
I1_DRDY1
I1_DRDY2
I1_WTM
I1_OVERRUN
--
Table 33.
CTRL_REG3 description
I1_CLICK
CLICK interrupt on INT1 pin. Default value 0.
(0: Disable; 1: Enable)
I1_AOI1
AOI1 interrupt on INT1 pn. Default value 0.
(0: Disable; 1: Enable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com