Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS2DH Datasheet(PDF) 33 Page - STMicroelectronics

Part # LIS2DH
Description  ultra low-power high performance 3-axis ?쐄emto??accelerometer
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DH Datasheet(HTML) 33 Page - STMicroelectronics

Back Button LIS2DH Datasheet HTML 29Page - STMicroelectronics LIS2DH Datasheet HTML 30Page - STMicroelectronics LIS2DH Datasheet HTML 31Page - STMicroelectronics LIS2DH Datasheet HTML 32Page - STMicroelectronics LIS2DH Datasheet HTML 33Page - STMicroelectronics LIS2DH Datasheet HTML 34Page - STMicroelectronics LIS2DH Datasheet HTML 35Page - STMicroelectronics LIS2DH Datasheet HTML 36Page - STMicroelectronics LIS2DH Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
LIS2DH
Registers Description
Doc ID 022516 Rev 1
33/49
7.6
CTRL_REG1 (20h)
ODR<3:0> is used to set Power Mode and ODR selection. In the following table are
reported all frequency resulting in combination of ODR<3:0>
Table 25.
TEMP_CFG_REG description
TEMP_EN[1-0]
Temperature sensor (T) enable. Default value: 00
(00: T disabled; 11: T enabled)
Table 26.
CTRL_REG1 register
ODR3
ODR2
ODR1
ODR0
LPen
Zen
Yen
Xen
Table 27.
CTRL_REG1 description
ODR3-0
Data rate selection. Default value: 00
(0000:Power Down mode; Others: Refer to Table 28, "Data Rate Configuration")
LPen
Low power mode enable. Default value: 0
(0: Normal mode, 1: Low power mode)
(Refer to section 2.6.3: High resolution, Normal mode, Low power mode)
Zen
Z axis enable. Default value: 1
(0: Z axis disabled; 1: Z axis enabled)
Yen
Y axis enable. Default value: 1
(0: Y axis disabled; 1: Y axis enabled)
Xen
X axis enable. Default value: 1
(0: X axis disabled; 1: X axis enabled)
Table 28.
Data rate configuration
ODR3
ODR2
ODR1
ODR0
Power mode selection
0
0
0
0
Power down mode
0
0
0
1
HR / normal / Low power mode (1 Hz)
0
0
1
0
HR / normal / Low power mode (10 Hz)
0
0
1
1
HR / normal / Low power mode (25 Hz)
0
1
0
0
HR / normal / Low power mode (50 Hz)
0
1
0
1
HR / normal / Low power mode (100 Hz)
0
1
1
0
HR / normal / Low power mode (200 Hz)
0
1
1
1
HR/ normal / Low power mode (400 Hz)
1
0
0
0
Low power mode (1.620 kHz)
1
0
0
1
HR/ normal (1.344 kHz);
Low power mode (5.376 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com