Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS28F128J3C120 Datasheet(PDF) 69 Page - Intel Corporation

Part # JS28F128J3C120
Description  Intel StrataFlash짰 Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F128J3C120 Datasheet(HTML) 69 Page - Intel Corporation

Back Button JS28F128J3C120 Datasheet HTML 64Page - Intel Corporation JS28F128J3C120 Datasheet HTML 65Page - Intel Corporation JS28F128J3C120 Datasheet HTML 66Page - Intel Corporation JS28F128J3C120 Datasheet HTML 67Page - Intel Corporation JS28F128J3C120 Datasheet HTML 68Page - Intel Corporation JS28F128J3C120 Datasheet HTML 69Page - Intel Corporation JS28F128J3C120 Datasheet HTML 70Page - Intel Corporation JS28F128J3C120 Datasheet HTML 71Page - Intel Corporation JS28F128J3C120 Datasheet HTML 72Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 69 / 72 page
background image
28F256J3, 28F128J3, 28F640J3, 28F320J3
Datasheet
69
C.4
VCC, VPEN, RP# Transitions
Block erase, program, and lock-bit configuration are not guaranteed if VPEN or VCC falls outside of
the specified operating ranges, or RP#
≠ V
IH. If RP# transitions to VIL during block erase,
program, or lock-bit configuration, STS (in default mode) will remain low for a maximum time of
tPLPH + tPHRH until the reset operation is complete. Then, the operation will abort and the device
will enter reset/power-down mode. The aborted operation may leave data partially corrupted after
programming, or partially altered after an erase or lock-bit configuration. Therefore, block erase
and lock-bit configuration commands must be repeated after normal operation is restored. Device
power-off or RP# = VIL clears the Status Register.
The CUI latches commands issued by system software and is not altered by VPEN, CE0, CE1, or
CE2 transitions, or WSM actions. Its state is read array mode upon power-up, after exit from reset/
power-down mode, or after VCC transitions below VLKO. VCC must be kept at or above VPEN
during VCC transitions.
After block erase, program, or lock-bit configuration, even after VPEN transitions down to VPENLK,
the CUI must be placed in read array mode via the Read Array command if subsequent access to
the memory array is desired. VPEN must be kept at or below VCC during VPEN transitions.
C.5
Power Dissipation
When designing portable systems, designers must consider battery power consumption not only
during device operation, but also for data retention during system idle time. Flash memory’s
nonvolatility increases usable battery life because data is retained when system power is removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com