Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS28F128J3C120 Datasheet(PDF) 35 Page - Intel Corporation

Part # JS28F128J3C120
Description  Intel StrataFlash짰 Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F128J3C120 Datasheet(HTML) 35 Page - Intel Corporation

Back Button JS28F128J3C120 Datasheet HTML 31Page - Intel Corporation JS28F128J3C120 Datasheet HTML 32Page - Intel Corporation JS28F128J3C120 Datasheet HTML 33Page - Intel Corporation JS28F128J3C120 Datasheet HTML 34Page - Intel Corporation JS28F128J3C120 Datasheet HTML 35Page - Intel Corporation JS28F128J3C120 Datasheet HTML 36Page - Intel Corporation JS28F128J3C120 Datasheet HTML 37Page - Intel Corporation JS28F128J3C120 Datasheet HTML 38Page - Intel Corporation JS28F128J3C120 Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 72 page
background image
28F256J3, 28F128J3, 28F640J3, 28F320J3
Datasheet
35
9.2
Device Commands
When the VPEN voltage ≤ VPENLK, only read operations from the Status Register, CFI, identifier
codes, or blocks are enabled. Placing VPENH on VPEN additionally enables block erase, program,
and lock-bit configuration operations. Device operations are selected by writing specific
commands into the CUI. Table 14, “Command Bus-Cycle Definitions” on page 35 defines these
commands.
Table 14. Command Bus-Cycle Definitions (Sheet 1 of 2)
Command
Scalable or
Basic
Command
Set
(2)
Bus
Cycles
Req’d.
First Bus Cycle
Second Bus Cycle
Notes
Oper(3)
Addr(4)
Data(5,6)
Oper(3)
Addr(4)
Data(5,6)
Read Array
SCS/BCS
1
Write
X
0xFF
1
Read Identifier Codes
SCS/BCS
≥ 2
Write
X
0X90
Read
IA
ID
1,7
Read Query
SCS
≥ 2
Write
X
0x98
Read
QA
QD
1
Read Status Register
SCS/BCS
2
Write
X
0x70
Read
X
SRD
1,8
Clear Status Register
SCS/BCS
1
Write
X
0x50
1
Write to Buffer
SCS/BCS
> 2
Write
BA
0xE8
Write
BA
N
1,9, 10,
11
Word/Byte Program
SCS/BCS
2
Write
X
0x40 or
0x10
Write
PA
PD
1,12,13
Block Erase
SCS/BCS
2
Write
BA
0x20
Write
BA
0xD0
1,11,12
Block Erase, Program
Suspend
SCS/BCS
1
Write
X
0xB0
1,12,14
Block Erase, Program
Resume
SCS/BCS
1
Write
X
0xD0
1,12
Configuration
SCS
2
Write
X
0xB8
Write
X
CC
1
Set Block Lock-Bit
SCS
2
Write
X
0x60
Write
BA
0x01
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com