Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F105RB Datasheet(PDF) 83 Page - STMicroelectronics

Part # STM32F105RB
Description  Connectivity line, ARM-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F105RB Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STM32F105RB Datasheet HTML 79Page - STMicroelectronics STM32F105RB Datasheet HTML 80Page - STMicroelectronics STM32F105RB Datasheet HTML 81Page - STMicroelectronics STM32F105RB Datasheet HTML 82Page - STMicroelectronics STM32F105RB Datasheet HTML 83Page - STMicroelectronics STM32F105RB Datasheet HTML 84Page - STMicroelectronics STM32F105RB Datasheet HTML 85Page - STMicroelectronics STM32F105RB Datasheet HTML 86Page - STMicroelectronics STM32F105RB Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 103 page
background image
STM32F105xx, STM32F107xx
Package characteristics
Doc ID 15274 Rev 6
83/104
Figure 40.
Recommended PCB design rules (0.80/0.75 mm pitch BGA)
Dpad
Dsm
Dpad
0.37 mm
Dsm
0.52 mm typ. (depends on solder
mask registration tolerance
Solder paste
0.37 mm aperture diameter
– Non solder mask defined pads are recommended
– 4 to 6 mils screen print



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com