Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F105RB Datasheet(PDF) 35 Page - STMicroelectronics

Part # STM32F105RB
Description  Connectivity line, ARM-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F105RB Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STM32F105RB Datasheet HTML 31Page - STMicroelectronics STM32F105RB Datasheet HTML 32Page - STMicroelectronics STM32F105RB Datasheet HTML 33Page - STMicroelectronics STM32F105RB Datasheet HTML 34Page - STMicroelectronics STM32F105RB Datasheet HTML 35Page - STMicroelectronics STM32F105RB Datasheet HTML 36Page - STMicroelectronics STM32F105RB Datasheet HTML 37Page - STMicroelectronics STM32F105RB Datasheet HTML 38Page - STMicroelectronics STM32F105RB Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 103 page
background image
STM32F105xx, STM32F107xx
Electrical characteristics
Doc ID 15274 Rev 6
35/104
5.3
Operating conditions
5.3.1
General operating conditions
Table 8.
Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
–65 to +150
°C
TJ
Maximum junction temperature
150
°C
Table 9.
General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fHCLK
Internal AHB clock frequency
0
72
MHz
fPCLK1
Internal APB1 clock frequency
0
36
fPCLK2
Internal APB2 clock frequency
0
72
VDD
Standard operating voltage
2
3.6
V
VDDA
(1)
1.
When the ADC is used, refer to Table 52: ADC characteristics.
Analog operating voltage
(ADC not used)
Must be the same potential
as VDD
(2)
2.
It is recommended to power VDD and VDDA from the same source. A maximum difference of 300 mV
between VDD and VDDA can be tolerated during power-up and operation.
23.6
V
Analog operating voltage
(ADC used)
2.4
3.6
VBAT
Backup operating voltage
1.8
3.6
V
PD
Power dissipation at TA = 85 °C
for suffix 6 or TA = 105 °C for
suffix 7(3)
3.
If TA is lower, higher PD values are allowed as long as TJ does not exceed TJmax.
LFBGA100
500
mW
LQFP100
434
LQFP64
444
PD
Power dissipation at TA = 85 °C
for suffix 6 or TA = 105 °C for
suffix 7(4)
4.
If TA is lower, higher PD values are allowed as long as TJ does not exceed TJmax.
LQFP100
434
mW
LQFP64
444
TA
Ambient temperature for 6
suffix version
Maximum power dissipation
–40
85
°C
Low power dissipation(5)
5.
In low power dissipation state, TA can be extended to this range as long as TJ does not exceed TJmax.
–40
105
Ambient temperature for 7
suffix version
Maximum power dissipation
–40
105
°C
Low power dissipation(5)
–40
125
TJ
Junction temperature range
6 suffix version
–40
105
°C
7 suffix version
–40
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com