Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F105RB Datasheet(PDF) 40 Page - STMicroelectronics

Part # STM32F105RB
Description  Connectivity line, ARM-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F105RB Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STM32F105RB Datasheet HTML 36Page - STMicroelectronics STM32F105RB Datasheet HTML 37Page - STMicroelectronics STM32F105RB Datasheet HTML 38Page - STMicroelectronics STM32F105RB Datasheet HTML 39Page - STMicroelectronics STM32F105RB Datasheet HTML 40Page - STMicroelectronics STM32F105RB Datasheet HTML 41Page - STMicroelectronics STM32F105RB Datasheet HTML 42Page - STMicroelectronics STM32F105RB Datasheet HTML 43Page - STMicroelectronics STM32F105RB Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 103 page
background image
Electrical characteristics
STM32F105xx, STM32F107xx
40/104
Doc ID 15274 Rev 6
Figure 10.
Typical current consumption on VBAT with RTC on vs. temperature at
different VBAT values
Figure 11.
Typical current consumption in Stop mode with regulator in Run mode
versus temperature at different VDD values
0
0.5
1
1.5
2
2.5
–40 °C
25 °C
70 °C
85 °C
105 °C
Temperature (°C)
1.8 V
2 V
2.4 V
3.3 V
3.6 V
ai17329
0.00
100.00
200.00
300.00
400.00
500.00
600.00
700.00
800.00
900.00
–40 °C
25 °C
85 °C
105 °C
Temperature (°C)
3.6 V
3.3 V
3 V
2.7 V
2.4 V
ai17122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com