Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F105RB Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM32F105RB
Description  Connectivity line, ARM-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F105RB Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM32F105RB Datasheet HTML 16Page - STMicroelectronics STM32F105RB Datasheet HTML 17Page - STMicroelectronics STM32F105RB Datasheet HTML 18Page - STMicroelectronics STM32F105RB Datasheet HTML 19Page - STMicroelectronics STM32F105RB Datasheet HTML 20Page - STMicroelectronics STM32F105RB Datasheet HTML 21Page - STMicroelectronics STM32F105RB Datasheet HTML 22Page - STMicroelectronics STM32F105RB Datasheet HTML 23Page - STMicroelectronics STM32F105RB Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 103 page
background image
Description
STM32F105xx, STM32F107xx
20/104
Doc ID 15274 Rev 6
●
32-bit CRC generation and removal
●
Several address filtering modes for physical and multicast address (multicast and group
addresses)
●
32-bit status code for each transmitted or received frame
●
Internal FIFOs to buffer transmit and receive frames. The transmit FIFO and the receive
FIFO are both 2 Kbytes, that is 4 Kbytes in total
●
Supports hardware PTP (precision time protocol) in accordance with IEEE 1588 with
the timestamp comparator connected to the TIM2 trigger input
●
Triggers interrupt when system time becomes greater than target time
2.3.21
Controller area network (CAN)
The two CANs are compliant with the 2.0A and B (active) specifications with a bitrate up to
1 Mbit/s. They can receive and transmit standard frames with 11-bit identifiers as well as
extended frames with 29-bit identifiers. Each CAN has three transmit mailboxes, two receive
FIFOS with 3 stages and 28 shared scalable filter banks (all of them can be used even if one
CAN is used). The 256 bytes of SRAM which are allocated for each CAN (512 bytes in total)
are not shared with any other peripheral.
2.3.22
Universal serial bus on-the-go full-speed (USB OTG FS)
The STM32F105xx and STM32F107xx connectivity line devices embed a USB OTG full-
speed (12 Mb/s) device/host/OTG peripheral with integrated transceivers. The USB OTG FS
peripheral is compliant with the USB 2.0 specification and with the OTG 1.0 specification. It
has software-configurable endpoint setting and supports suspend/resume. The USB OTG
full-speed controller requires a dedicated 48 MHz clock that is generated by a PLL
connected to the HSE oscillator. The major features are:
●
1.25 KB of SRAM used exclusively by the endpoints (not shared with any other
peripheral)
●
4 bidirectional endpoints
●
HNP/SNP/IP inside (no need for any external resistor)
●
for OTG/Host modes, a power switch is needed in case bus-powered devices are
connected
●
the SOF output can be used to synchronize the external audio DAC clock in
isochronous mode
●
in accordance with the USB 2.0 Specification, the supported transfer speeds are:
–
in Host mode: full speed and low speed
–
in Device mode: full speed
2.3.23
GPIOs (general-purpose inputs/outputs)
Each of the GPIO pins can be configured by software as output (push-pull or open-drain), as
input (with or without pull-up or pull-down) or as peripheral alternate function. Most of the
GPIO pins are shared with digital or analog alternate functions. All GPIOs are high current-
capable.
The I/Os alternate function configuration can be locked if needed following a specific
sequence in order to avoid spurious writing to the I/Os registers.
I/Os on APB2 with up to 18 MHz toggling speed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com