Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F105RB Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F105RB
Description  Connectivity line, ARM-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F105RB Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F105RB Datasheet HTML 1Page - STMicroelectronics STM32F105RB Datasheet HTML 2Page - STMicroelectronics STM32F105RB Datasheet HTML 3Page - STMicroelectronics STM32F105RB Datasheet HTML 4Page - STMicroelectronics STM32F105RB Datasheet HTML 5Page - STMicroelectronics STM32F105RB Datasheet HTML 6Page - STMicroelectronics STM32F105RB Datasheet HTML 7Page - STMicroelectronics STM32F105RB Datasheet HTML 8Page - STMicroelectronics STM32F105RB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 103 page
background image
August 2011
Doc ID 15274 Rev 6
1/103
1
STM32F105xx
STM32F107xx
Connectivity line, ARM-based 32-bit MCU with 64/256 KB Flash, USB
OTG, Ethernet, 10 timers, 2 CANs, 2 ADCs, 14 communication interfaces
Features
■ Core: ARM 32-bit Cortex™-M3 CPU
– 72 MHz maximum frequency,
1.25 DMIPS/MHz (Dhrystone 2.1)
performance at 0 wait state memory
access
– Single-cycle multiplication and hardware
division
■ Memories
– 64 to 256 Kbytes of Flash memory
– 64 Kbytes of general-purpose SRAM
■ Clock, reset and supply management
– 2.0 to 3.6 V application supply and I/Os
– POR, PDR, and programmable voltage
detector (PVD)
– 3-to-25 MHz crystal oscillator
– Internal 8 MHz factory-trimmed RC
– Internal 40 kHz RC with calibration
– 32 kHz oscillator for RTC with calibration
■ Low power
– Sleep, Stop and Standby modes
–VBAT supply for RTC and backup registers
■ 2 × 12-bit, 1 µs A/D converters (16 channels)
– Conversion range: 0 to 3.6 V
– Sample and hold capability
– Temperature sensor
– up to 2 MSPS in interleaved mode
■ 2 × 12-bit D/A converters
■ DMA: 12-channel DMA controller
– Supported peripherals: timers, ADCs, DAC,
I2Ss, SPIs, I2Cs and USARTs
■ Debug mode
– Serial wire debug (SWD) & JTAG interfaces
– Cortex-M3 Embedded Trace Macrocell™
■ Up to 80 fast I/O ports
– 51/80 I/Os, all mappable on 16 external
interrupt vectors and almost all 5 V-tolerant
■ CRC calculation unit, 96-bit unique ID
■ Up to 10 timers with pinout remap capability
– Up to four 16-bit timers, each with up to 4
IC/OC/PWM or pulse counter and
quadrature (incremental) encoder input
– 1 × 16-bit motor control PWM timer with
dead-time generation and emergency stop
– 2 × watchdog timers (Independent and
Window)
– SysTick timer: a 24-bit downcounter
– 2 × 16-bit basic timers to drive the DAC
■ Up to 14 communication interfaces with pinout
remap capability
– Up to 2 × I2C interfaces (SMBus/PMBus)
– Up to 5 USARTs (ISO 7816 interface, LIN,
IrDA capability, modem control)
– Up to 3 SPIs (18 Mbit/s), 2 with a
multiplexed I2S interface that offers audio
class accuracy via advanced PLL schemes
– 2 × CAN interfaces (2.0B Active) with
512 bytes of dedicated SRAM
– USB 2.0 full-speed device/host/OTG
controller with on-chip PHY that supports
HNP/SRP/ID with 1.25 Kbytes of dedicated
SRAM
– 10/100 Ethernet MAC with dedicated DMA
and SRAM (4 Kbytes): IEEE1588 hardware
support, MII/RMII available on all packages
Table 1.
Device summary
Reference
Part number
STM32F105xx
STM32F105R8, STM32F105V8
STM32F105RB, STM32F105VB
STM32F105RC, STM32F105VC
STM32F107xx
STM32F107RB, STM32F107VB
STM32F107RC, STM32F107VC
LQFP100 14 × 14 mm
LQFP64 10 × 10 mm
FBGA
LFBGA100 10 × 10 mm
www.st.com


Similar Part No. - STM32F105RB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F105RB STMICROELECTRONICS-STM32F105RB Datasheet
1,013Kb / 95P
Connectivity line, ARM-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet, 10 timers, 2 CANs, 2 ADCs, 14 communication interfaces
14-Sep-2009
STM32F105RB STMICROELECTRONICS-STM32F105RB Datasheet
1Mb / 103P
Connectivity line, ARM-based 32-bit MCU
01-Aug-2011
STM32F105RB STMICROELECTRONICS-STM32F105RB Datasheet
2Mb / 108P
Connectivity line, ARM®-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet, 10 timers, 2 CANs, 2 ADCs, 14 communication interfaces
March 2017
STM32F105RBT6 STMICROELECTRONICS-STM32F105RBT6 Datasheet
1,013Kb / 95P
Connectivity line, ARM-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet, 10 timers, 2 CANs, 2 ADCs, 14 communication interfaces
14-Sep-2009
STM32F105RBT6TR STMICROELECTRONICS-STM32F105RBT6TR Datasheet
1,013Kb / 95P
Connectivity line, ARM-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet, 10 timers, 2 CANs, 2 ADCs, 14 communication interfaces
14-Sep-2009
More results

Similar Description - STM32F105RB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1758 PHILIPS-LPC1758 Datasheet
299Kb / 71P
32-bit ARM Cortex-M3 MCU up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 02-11 February 2009
logo
STMicroelectronics
STM32F105XX STMICROELECTRONICS-STM32F105XX Datasheet
1,013Kb / 95P
Connectivity line, ARM-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet, 10 timers, 2 CANs, 2 ADCs, 14 communication interfaces
14-Sep-2009
logo
NXP Semiconductors
LPC1759 NXP-LPC1759 Datasheet
957Kb / 64P
32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 04-26 January 2010
LPC1759 NXP-LPC1759_11 Datasheet
1Mb / 74P
32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 7-29 March 2011
logo
STMicroelectronics
STM32F101XC STMICROELECTRONICS-STM32F101XC_11 Datasheet
1Mb / 112P
High-density access line, ARM-based 32-bit MCU with 256 to 512 KB Flash, 9 timers
19-Apr-2011
STM32F103X4 STMICROELECTRONICS-STM32F103X4_13 Datasheet
1Mb / 90P
Low-density performance line, ARM-based 32-bit MCU with 16 or32 KB Flash, USB
14-May-2013
STM32F103X8 STMICROELECTRONICS-STM32F103X8_13 Datasheet
1Mb / 105P
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash
14-May-2013
STM32F107VBT6 STMICROELECTRONICS-STM32F107VBT6 Datasheet
1Mb / 103P
Connectivity line, ARM-based 32-bit MCU
01-Aug-2011
logo
NXP Semiconductors
LPC1759 PHILIPS-LPC1759_15 Datasheet
1,013Kb / 80P
32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 8.6-18 August 2015
logo
STMicroelectronics
STM32F105XX STMICROELECTRONICS-STM32F105XX_V01 Datasheet
2Mb / 108P
Connectivity line, ARM®-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet, 10 timers, 2 CANs, 2 ADCs, 14 communication interfaces
March 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com