Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED5000 Datasheet(PDF) 28 Page - STMicroelectronics

Part # LED5000
Description  3 A monolithic step-down current source with dimming capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED5000 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button LED5000 Datasheet HTML 24Page - STMicroelectronics LED5000 Datasheet HTML 25Page - STMicroelectronics LED5000 Datasheet HTML 26Page - STMicroelectronics LED5000 Datasheet HTML 27Page - STMicroelectronics LED5000 Datasheet HTML 28Page - STMicroelectronics LED5000 Datasheet HTML 29Page - STMicroelectronics LED5000 Datasheet HTML 30Page - STMicroelectronics LED5000 Datasheet HTML 31Page - STMicroelectronics LED5000 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
Application notes - buck conversion
LED5000
28/51
Doc ID 023951 Rev 1
higher than this value to compensate for the losses in the overall application. For this
reason, the conduction losses related to the RDSON increase compared to an ideal case.
●
Switching losses due to turning ON and OFF. These are derived using the following
equation:
Equation 38
Where TRISE and TFALL represent the switching times of the power element that cause the
switching losses when driving an inductive load (see
Figure 18). TSW is the equivalent
switching time.
Figure 18.
Switching losses
●
Quiescent current losses.
Equation 39
Example (see
Chapter 5.6):
VIN=42 V, VFW_LED=3.7 V, nLED=8, ILED=1500 mA
The typical output voltage is:
Equation 40
RDSON_HS has a typical value of 200 Ω at 25 °C.
P
SW
V
IN
I
OUT
T
RISE
T
FALL
+
()
2
-----------------------------------------
F
SW
V
IN
=
I
OUT
T
SW_EQ
F
SW
⋅⋅
⋅
⋅
⋅
⋅
=
AM13502v1
P
Q
V
IN
I
Q
⋅
=
V
OUT
n
LED
V
FW_LED
V
FB
+
⋅
29.4V
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com