Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED5000 Datasheet(PDF) 29 Page - STMicroelectronics

Part # LED5000
Description  3 A monolithic step-down current source with dimming capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED5000 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button LED5000 Datasheet HTML 25Page - STMicroelectronics LED5000 Datasheet HTML 26Page - STMicroelectronics LED5000 Datasheet HTML 27Page - STMicroelectronics LED5000 Datasheet HTML 28Page - STMicroelectronics LED5000 Datasheet HTML 29Page - STMicroelectronics LED5000 Datasheet HTML 30Page - STMicroelectronics LED5000 Datasheet HTML 31Page - STMicroelectronics LED5000 Datasheet HTML 32Page - STMicroelectronics LED5000 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
LED5000
Application notes - buck conversion
Doc ID 023951 Rev 1
29/51
For the calculation we can estimate RDSON_HS = 300 mΩ as a consequence of Tj increase
during the operation.
TSW_EQ is approximately 12 ns.
IQ has a typical value of 2.4 mA at VIN = 48 V.
The overall internal losses are:
Equation 41
Equation 42
The junction temperature of device will be:
Equation 43
Where TA is the ambient temperature and RthJ-A is the thermal resistance junction-to-
ambient. The junction-to-ambient (RthJ-A) thermal resistance of the device assembled in
HSO8 package and mounted on the evaluation is about 40 °C/W.
Assuming the ambient temperature around 40 °C, the estimated junction temperature is:
5.12
Short-circuit protection
In overcurrent protection mode, when the peak current reaches the current limit threshold,
the device disables the power element and it is able to reduce the conduction time down to
the minimum value (approximately 100 nsec typical) to keep the inductor current limited.
This is the pulse-by-pulse current limitation to implement constant current protection feature.
In overcurrent condition, the duty cycle is strongly reduced and, in most applications, this is
enough to limit the switch current to the current threshold.
The inductor current ripple during ON and OFF phases can be written as:
●
ON phase
Equation 44
●
OFF phase
P
TOT
R
DSON_HS
I
OUT
()
⋅
2
DV
IN
I
OUT
f
SW
T
SW
⋅⋅
⋅
V
IN
I
Q
⋅
++
⋅
=
P
TOT
0.3
1.5
2
0.7
42
1.5
12
10
9
–
850
10
3
42
2.4
10
3
–
⋅⋅
+
⋅⋅
⋅
⋅
⋅
+
⋅⋅
1.2W
≅
=
T
J
T
A
Rth
JA
–
P
TOT
⋅
+
=
T
J
60
1.2W
40
° C
W
-------
⋅
110
° C
≅
⋅
+
=
I
L TON
Δ
V
IN
V
OUT
–
DCR
L
R
DSON HS
+
() I
⋅
–
L
-------------------------------------------------------------------------------------------------- T
ON
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com