Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED5000 Datasheet(PDF) 34 Page - STMicroelectronics

Part # LED5000
Description  3 A monolithic step-down current source with dimming capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED5000 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button LED5000 Datasheet HTML 30Page - STMicroelectronics LED5000 Datasheet HTML 31Page - STMicroelectronics LED5000 Datasheet HTML 32Page - STMicroelectronics LED5000 Datasheet HTML 33Page - STMicroelectronics LED5000 Datasheet HTML 34Page - STMicroelectronics LED5000 Datasheet HTML 35Page - STMicroelectronics LED5000 Datasheet HTML 36Page - STMicroelectronics LED5000 Datasheet HTML 37Page - STMicroelectronics LED5000 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
Application notes - alternative topologies
LED5000
34/51
Doc ID 023951 Rev 1
6
Application notes - alternative topologies
Thanks to the wide input voltage range, the adjustable external compensation network and
enhanced dimming capability, the LED5000 is suitable to implement boost and buck-boost
topologies.
6.1
Inverting buck-boost
The buck-boost topology fits the application with an input voltage range that overlaps the
output voltage, which is the voltage drop across the LEDs and the sensing resistor.
The inverting buck-boost (see
Figure 23) requires the same component count as the buck
conversion and it is more efficient than the positive buck-boost. A current generator based
on this topology implies two main application constraints:
●
the output voltage is negative so the LEDs must be reversed
●
the device GND floats with the negative output voltage. The device is supplied between
VIN and VOUT (<0). As a consequence:
Equation 50
so:
Equation 51
where VOUT<0.
Figure 23.
Inverting buck-boost
Example 1
VIN RANGE=12-24 V, VFW_LED=3.7 V, nLED= 5 so VOUT=18.7 V
V
IN_MAX LED5000
V
IN
V
OUT
–
=
V
IN
V
IN_MAX LED5000
V
OUT
+
48
V
OUT
+
==
VIN
V
REF
ISW
AM13507v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com