Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED5000 Datasheet(PDF) 45 Page - STMicroelectronics

Part # LED5000
Description  3 A monolithic step-down current source with dimming capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED5000 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button LED5000 Datasheet HTML 41Page - STMicroelectronics LED5000 Datasheet HTML 42Page - STMicroelectronics LED5000 Datasheet HTML 43Page - STMicroelectronics LED5000 Datasheet HTML 44Page - STMicroelectronics LED5000 Datasheet HTML 45Page - STMicroelectronics LED5000 Datasheet HTML 46Page - STMicroelectronics LED5000 Datasheet HTML 47Page - STMicroelectronics LED5000 Datasheet HTML 48Page - STMicroelectronics LED5000 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
LED5000
Application notes - alternative topologies
Doc ID 023951 Rev 1
45/51
Equation 78
6.4.1
fp < BW
In case the pole fp is inside the system bandwidth BW, the component values composing the
compensation network can be calculated as:
Equation 79
and
Table 10.
BB and boost parameters
Boost
Buck-boost
KD
Km
k
f
p
ω
p
2
π
⋅
-------------
1
2
π
⋅
-------------
K
D
C
O
R
LOAD
⋅
---------------------------------
⋅
==
1
R
LOAD
V
OUT
I
LED
-----------------
----------------------
R
LOAD
1D
–
()
2
⋅
R
CS
---------------------------------------------------
1
K
m
---------
K
1D
–
()
------------------
+
⎝⎠
⎜⎟
⎛⎞
⋅
++
1
R
LOAD
D
⋅
V
OUT
I
LED
-----------------
-------------------------------------
R
LOAD
1D
–
()
2
⋅
R
CS
---------------------------------------------------
1
K
m
---------
K
1D
–
()
------------------
+
⎝⎠
⎜⎟
⎛⎞
⋅
++
1
0.5
D
–
() R
CS
T
SW
L
-------------
V
OUT
V
IN
–
V
OUT
----------------------------------
R
CS
T
SW
L
-------------
⋅⋅
+
⋅⋅
--------------------------------------------------------------------------------------------------------------------------------------------------
1
0.5
D
–
() R
CS
T
SW
L
-------------
V
OUT
V
IN
V
+
OUT
------------------------------------
R
CS
T
SW
L
-------------
⋅⋅
+
⋅⋅
-----------------------------------------------------------------------------------------------------------------------------------------------------
0.5
R
CS
T
SW
L
-------------
D1
D
–
()
⋅⋅
⋅
⋅
0.5
R
CS
T
SW
L
-------------
D1
D
–
()
⋅⋅
⋅
⋅
R
C
R
EA
A
0
----------
BW
f
p
---------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com