Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED5000 Datasheet(PDF) 32 Page - STMicroelectronics

Part # LED5000
Description  3 A monolithic step-down current source with dimming capability
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED5000 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button LED5000 Datasheet HTML 28Page - STMicroelectronics LED5000 Datasheet HTML 29Page - STMicroelectronics LED5000 Datasheet HTML 30Page - STMicroelectronics LED5000 Datasheet HTML 31Page - STMicroelectronics LED5000 Datasheet HTML 32Page - STMicroelectronics LED5000 Datasheet HTML 33Page - STMicroelectronics LED5000 Datasheet HTML 34Page - STMicroelectronics LED5000 Datasheet HTML 35Page - STMicroelectronics LED5000 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
Application notes - buck conversion
LED5000
32/51
Doc ID 023951 Rev 1
Equation 49
R1 must be dimensioned to limit the D1 rated power so it is an inexpensive small signal
Zener diode.
The overvoltage limits the output voltage in case of LED disconnection so protecting LEDs
when the string is reconnected with the device enabled. In case the OVP is not
implemented, a large amount of non-controlled current could flow through the LEDs during
the output capacitor discharging phase, thereby damaging the devices.
Table 9.
Component list
Reference
Part number
Description
Manufacturer
C1,C2
C3225X7S1H106M
10
μF 50 V (size 1210)
TDK
C3,C6
100 nF 50 V (size 0805)
C4
470 pF 50 V (size 00603)
C5
22 pF 50 V (size 0603)
C7
C3216X7R1H105K
1
μF 50 V (size 1206)
TDK
C8
Not mounted
D1
STPS3L60U
3 A 60 V
ST
D2
BZX384-C4V7
D3
BZX384-C39
L1
MSS7341-473MLD
47
μH
ISAT=1.0 A (30% drop)
IRMS=1.85 A (40 ° C rise)
(size 7.3 x 7.3 x 4.1 mm)
Coilcraft
RS
ERJ14BSFR27U
0.27
Ω 1%
(size 1206)
Panasonic
R1
10 k
Ω 1% (size 0603)
R2
Not mounted
R3
24.9 k
Ω 1% (size 0603)
R4
47 k
Ω 1% (size 0603)
V
OUT
V
FB
V
ZENER_DIODE
+
=
I
ZENER_DIODE
V
FB
R
S
R
1
+
---------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com