Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC4350 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # LPC4350
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4350 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button LPC4350_13 Datasheet HTML 29Page - NXP Semiconductors LPC4350_13 Datasheet HTML 30Page - NXP Semiconductors LPC4350_13 Datasheet HTML 31Page - NXP Semiconductors LPC4350_13 Datasheet HTML 32Page - NXP Semiconductors LPC4350_13 Datasheet HTML 33Page - NXP Semiconductors LPC4350_13 Datasheet HTML 34Page - NXP Semiconductors LPC4350_13 Datasheet HTML 35Page - NXP Semiconductors LPC4350_13 Datasheet HTML 36Page - NXP Semiconductors LPC4350_13 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 153 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 26 March 2013
33 of 153
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
P7_5
A7
A7
-
191 133
[5]
N;
PU
I/O
GPIO3[13] — General purpose digital input/output pin.
O
CTOUT_12 — SCT output 12. Match output 3 of timer 3.
-
R — Function reserved.
O
LCD_VD8 — LCD data.
O
LCD_VD23 — LCD data.
O
TRACEDATA[1] — Trace data, bit 1.
-
R — Function reserved.
-
R — Function reserved.
AI
ADC0_3 — ADC0 and ADC1, input channel 3. Configure
the pin as GPIO input and use the ADC function select
register in the SCU to select the ADC.
P7_6
C7
F5
-
194 134
[2]
N;
PU
I/O
GPIO3[14] — General purpose digital input/output pin.
O
CTOUT_11 — SCT output 1. Match output 3 of timer 2.
-
R — Function reserved.
O
LCD_LP — Line synchronization pulse (STN). Horizontal
synchronization pulse (TFT).
-
R — Function reserved.
O
TRACEDATA[2] — Trace data, bit 2.
-
R — Function reserved.
-
R — Function reserved.
P7_7
B6
D5
-
201 140
[5]
N;
PU
I/O
GPIO3[15] — General purpose digital input/output pin.
O
CTOUT_8 — SCT output 8. Match output 0 of timer 2.
-
R — Function reserved.
O
LCD_PWR — LCD panel power enable.
-
R — Function reserved.
O
TRACEDATA[3] — Trace data, bit 3.
O
ENET_MDC — Ethernet MIIM clock.
I/O
SGPIO7 — General purpose digital input/output pin.
AI
ADC1_6 — ADC1 and ADC0, input channel 6. Configure
the pin as GPIO input and use the ADC function select
register in the SCU to select the ADC.
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com