Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC4350 Datasheet(PDF) 76 Page - NXP Semiconductors

Part # LPC4350
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4350 Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button LPC4350_13 Datasheet HTML 72Page - NXP Semiconductors LPC4350_13 Datasheet HTML 73Page - NXP Semiconductors LPC4350_13 Datasheet HTML 74Page - NXP Semiconductors LPC4350_13 Datasheet HTML 75Page - NXP Semiconductors LPC4350_13 Datasheet HTML 76Page - NXP Semiconductors LPC4350_13 Datasheet HTML 77Page - NXP Semiconductors LPC4350_13 Datasheet HTML 78Page - NXP Semiconductors LPC4350_13 Datasheet HTML 79Page - NXP Semiconductors LPC4350_13 Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 153 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 26 March 2013
76 of 153
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
• DMA support.
7.18.2 USART0/2/3
The LPC4350/30/20/10 contain three USARTs. In addition to standard transmit and
receive data lines, the USARTs support a synchronous mode.
The USARTs include a fractional baud rate generator. Standard baud rates such as
115200 Bd can be achieved with any crystal frequency above 2 MHz.
7.18.2.1
Features
• Maximum UART data bit rate of 8 MBit/s.
• 16 B Receive and Transmit FIFOs.
• Register locations conform to 16C550 industry standard.
• Receiver FIFO trigger points at 1 B, 4 B, 8 B, and 14 B.
• Built-in fractional baud rate generator covering wide range of baud rates without a
need for external crystals of particular values.
• Auto baud capabilities and FIFO control mechanism that enables software flow
control implementation.
• Support for RS-485/9-bit/EIA-485 mode.
• USART3 includes an IrDA mode to support infrared communication.
• All USARTs have DMA support.
• Support for synchronous mode at a data bit rate of up to 8 Mbit/s.
• Smart card mode conforming to ISO7816 specification
7.18.3 SPI serial I/O controller
The LPC4350/30/20/10 contain one SPI controller. SPI is a full-duplex serial interface
designed to handle multiple masters and slaves connected to a given bus. Only a single
master and a single slave can communicate on the interface during a given data transfer.
During a data transfer the master always sends 8 bits to 16 bits of data to the slave, and
the slave always sends 8 bits to 16 bits of data to the master.
7.18.3.1
Features
• Maximum SPI data bit rate 25 Mbit/s.
• Compliant with SPI specification
• Synchronous, serial, full-duplex communication
• Combined SPI master and slave
• Maximum data bit rate of one eighth of the input clock rate
• 8 bits to 16 bits per transfer
7.18.4 SSP serial I/O controller
Remark: The LPC4350/30/20/10 contain two SSP controllers.
The SSP controller can operate on a SPI, 4-wire SSI, or Microwire bus. It can interact with
multiple masters and slaves on the bus. Only a single master and a single slave can
communicate on the bus during a given data transfer. The SSP supports full-duplex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com