Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC4350 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # LPC4350
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4350 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button LPC4350_13 Datasheet HTML 60Page - NXP Semiconductors LPC4350_13 Datasheet HTML 61Page - NXP Semiconductors LPC4350_13 Datasheet HTML 62Page - NXP Semiconductors LPC4350_13 Datasheet HTML 63Page - NXP Semiconductors LPC4350_13 Datasheet HTML 64Page - NXP Semiconductors LPC4350_13 Datasheet HTML 65Page - NXP Semiconductors LPC4350_13 Datasheet HTML 66Page - NXP Semiconductors LPC4350_13 Datasheet HTML 67Page - NXP Semiconductors LPC4350_13 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 153 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 26 March 2013
64 of 153
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
7.6.1 Features
• Controls system exceptions and peripheral interrupts.
• The Cortex-M4 NVIC supports up to 53 vectored interrupts.
• Eight programmable interrupt priority levels with hardware priority level masking.
• Relocatable vector table.
• Non-Maskable Interrupt (NMI).
• Software interrupt generation.
7.6.2 Interrupt sources
Each peripheral device has one interrupt line connected to the NVIC but may have several
interrupt flags. Individual interrupt flags can represent more than one interrupt source.
7.7 System Tick timer (SysTick)
The ARM Cortex-M4 includes a system tick timer (SYSTICK) that is intended to generate
a dedicated SYSTICK exception at a 10 ms interval.
7.8 Event router
The event router combines various internal signals, interrupts, and the external interrupt
pins (WAKEUP[3:0]) to create an interrupt in the NVIC, if enabled. In addition, the event
router creates a wake-up signal to the ARM core and the CCU for waking up from Sleep,
Deep-sleep, Power-down, and Deep power-down modes. Individual events can be
configured as edge or level sensitive and can be enabled or disabled in the event router.
The event router can be battery powered.
The following events if enabled in the event router can create a wake-up signal from
sleep, deep-sleep, power-down, and deep power-down modes and/or create an interrupt:
• External pins WAKEUP0/1/2/3 and RESET
• Alarm timer, RTC (32 kHz oscillator running)
The following events if enabled in the event router can create a wake-up signal from sleep
mode only and/or create an interrupt:
• WWDT, BOD interrupts
• C_CAN0/1 and QEI interrupts
• Ethernet, USB0, USB1 signals
• Selected outputs of combined timers (SCT and timer0/1/3)
Remark: Any interrupt can wake up the ARM Cortex-M4 from sleep mode if enabled in
the NVIC.
7.9 Global Input Multiplexer Array (GIMA)
The GIMA routes signals to event-driven peripheral targets like the SCT, timers, event
router, or the ADCs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com