Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ28Z560-R1 Datasheet(PDF) 21 Page - Texas Instruments

Part # BQ28Z560-R1
Description  Single Cell Li-Ion Battery Gas Gauge and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z560-R1 Datasheet(HTML) 21 Page - Texas Instruments

Back Button BQ28Z560-R1 Datasheet HTML 17Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 18Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 19Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 20Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 21Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 22Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 23Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 24Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
bq28z560-R1
www.ti.com
SLUSBD3 – APRIL 2013
Table 4. Control() Subcommands (continued)
SEALED
CNTL FUNCTION
CNTL DATA
DESCRIPTION
ACCESS
FW_VERSION
0x0002
Yes
Reports the firmware version on the device type
HW_VERSION
0x0003
Yes
Reports the hardware version of the device type
Reserved
0x0004
No
Not to be used
RESET_DATA
0x0005
No
Returns reset data
Reserved
0x0006
No
Not to be used
PREV_MACWRITE
0x0007
No
Returns previous MAC command code
CHEM_ID
0x0008
Yes
Reports the chemical identifier of the Impedance Track configuration
BOARD_OFFSET
0x0009
No
Forces the device to measure and store the board offset
CC_OFFSET
0x000A
No
Forces the device to measure and internal CC offset
CC_OFFSET_SAVE
0x000B
No
Forces the device to store the internal CC offset
DF_VERSION
0x000C
Yes
Reports the data flash version on the device
SET_FULLSLEEP
0x0010
No
Set the [FULLSLEEP] bit in Control Status register to 1
SET_HIBERNATE
0x0011
Yes
Forces CONTROL_STATUS [HIBERNATE] to 1
CLEAR_HIBERNATE
0x0012
Yes
Forces CONTROL_STATUS [HIBERNATE] to 0
Forces CONTROL_STATUS [SHUTDOWN] to 1. SET_SHUTDOWN
SET_SHUTDOWN
0x0013
Yes
enables the system to enter into SHUTDOWN mode.
CLEAR_SHUTDOWN
0x0014
Yes
Forces CONTROL_STATUS [SHUTDOWN] to 0
SET_HDQINTEN
0x0015
Yes
Forces CONTROL_STATUS [HDQIntEn] to 1
CLEAR_HDQINTEN
0x0016
Yes
Forces CONTROL_STATUS [HDQIntEn] to 0
STATIC_CHEM_CHKSUM
0x0017
Yes
Calculates chemistry checksum
HOST_DISCONNECT
0x0018
Yes
Forces the DOUT pin low to disable discharge
Clears DSGFETOFF, allowing DOUT to go high if no other conditions force
HOST_CONNECT
0x0019
Yes
it low
SEALED
0x0020
No
Places the bq28z560-R1 in SEALED ACCESS mode
IT_ENABLE
0x0021
No
Enables the Impedance Track algorithm
CAL_ENABLE
0x002d
No
Toggle bq28z560-R1 CALIBRATION mode
RESET
0x0041
No
Forces a full reset of the bq28z560-R1
EXIT_CAL
0x0080
No
Exit bq28z560-R1 CALIBRATION mode
ENTER_CAL
0x0081
No
Enter bq28z560-R1 CALIBRATION mode
OFFSET_CAL
0x0082
No
Reports internal CC offset in CALIBRATION mode
CONTROL_STATUS: 0x0000
Instructs the gas gauge to return status information to Control addresses 0x00/0x01. The status word includes
the following information.
Table 5. CONTROL_STATUS Flags
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
High Byte
DSGFETOFF
FAS
SS
CALMODE
CCA
BCA
CSV
HDQIntEn
Low Byte
SHUTDOWN
HIBERNATE
FULLSLEEP
SLEEP
LDMD
RUP_DIS
VOK
QEN
DSGFETOFF = State bit indicating the DISCHARGE FET has been disabled by HOST (HOST DISCONNECT).
FAS = Status bit indicating the bq28z560-R1 is in FULL ACCESS SEALED state. Active when set.
SS = Status bit indicating the bq28z560-R1 is in the SEALED state. Active when set.
CALMODE = Status bit indicating the calibration function is active. True when set. Default is 0.
Status bit indicating the bq28z560-R1 coulomb counter Calibration routine is active. The CCA routine takes place
CCA =
approximately 1 minute after the initialization and periodically as gauging conditions change. Active when set.
BCA = Status bit indicating the bq28z560-R1 Board Calibration routine is active. Active when set.
CSV = Status bit indicating a valid data flash checksum has been generated. Active when set.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: bq28z560-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com