Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ28Z560-R1 Datasheet(PDF) 26 Page - Texas Instruments

Part # BQ28Z560-R1
Description  Single Cell Li-Ion Battery Gas Gauge and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z560-R1 Datasheet(HTML) 26 Page - Texas Instruments

Back Button BQ28Z560-R1 Datasheet HTML 22Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 23Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 24Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 25Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 26Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 27Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 28Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 29Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
bq28z560-R1
SLUSBD3 – APRIL 2013
www.ti.com
NominalAvailableCapacity(): 0x0c/0x0d
This read-only command pair returns the uncompensated (less than C/20 load) battery capacity remaining. Units
are mAh.
FullAvailableCapacity(): 0x0e/0x0f
This read-only command pair returns the uncompensated (less than C/20 load) capacity of the battery when fully
charged. Units are mAh. FullAvailableCapacity() is updated at regular intervals, as specified by the Impedance
Track algorithm.
RemainingCapacity(): 0x10/0x11
This read-only command pair returns the compensated battery capacity remaining. Units are mAh.
FullChargeCapacity(): 0x12/13
This read-only command pair returns the compensated capacity of the battery when fully charged. Units are
mAh. FullChargeCapacity() is updated at regular intervals, as specified by the Impedance Track algorithm.
AverageCurrent(): 0x14/0x15
This read-only command pair returns a signed integer value that is the average current flow through the sense
resistor. It is updated every 1 s. Units are mA.
TimeToEmpty(): 0x16/0x17
This read-only function returns an unsigned integer value of the predicted remaining battery life at the present
rate of discharge, in minutes. A value of 65,535 indicates battery is not being discharged.
TimeToFull(): 0x18/0x19
This read-only function returns an unsigned integer value of predicted remaining time until the battery reaches
full charge, in minutes, based upon AverageCurrent(). The computation accounts for the taper current time
extension from the linear TTF computation based on a fixed AverageCurrent() rate of charge accumulation. A
value of 65,535 indicates the battery is not being charged.
StandbyCurrent(): 0x1a/0x1b
This read-only function returns a signed integer value of the measured standby current through the sense
resistor. The StandbyCurrent() is an adaptive measurement. Initially it reports the standby current programmed in
Initial Standby, and after spending some time in standby, reports the measured standby current.
The register value is updated every 1 s when the measured current is above the Deadband and is less than or
equal to 2 x Initial Standby. The first and last values that meet this criteria are not averaged in, since they may
not be stable values. To approximate a 1-minute time constant, each new StandbyCurrent() value is computed
by taking the approximate 93% weight of the last standby current and the approximate 7% of the current
measured average current.
StandbyTimeToEmpty(): 0x1c/0x1d
This read-only function returns an unsigned integer value of the predicted remaining battery life at the standby
rate of discharge, in minutes. The computation uses Nominal Available Capacity (NAC), the uncompensated
remaining capacity, for this computation. A value of 65,535 indicates the battery is not being discharged.
MaxLoadCurrent(): 0x1e/0x1f
This read-only function returns a signed integer value, in units of mA, of the maximum load conditions. The
MaxLoadCurrent() is an adaptive measurement, which is initially reported as the maximum load current
programmed in Initial Max Load Current. If the measured current is ever greater than Initial Max Load
Current, then MaxLoadCurrent() updates to the new current. MaxLoadCurrent() is reduced to the average of the
previous value and Initial Max Load Current whenever the battery is charged to full after a previous discharge
to an SOC less than 50%. This prevents the reported value from maintaining an unusually high value.
26
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: bq28z560-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com