Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ28Z560-R1 Datasheet(PDF) 33 Page - Texas Instruments

Part # BQ28Z560-R1
Description  Single Cell Li-Ion Battery Gas Gauge and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z560-R1 Datasheet(HTML) 33 Page - Texas Instruments

Back Button BQ28Z560-R1 Datasheet HTML 29Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 30Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 31Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 32Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 33Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 34Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 35Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 36Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
bq28z560-R1
www.ti.com
SLUSBD3 – APRIL 2013
Table 11. CONSTANT CURRENT Mode Used when LOAD Mode = 0
LoadSelect Value
Current Mode Used
Average discharge current from previous cycle. There is an internal register that records the average discharge current through each
0
entire discharge cycle. The previous average is stored in this register.
1(default)
Present average discharge current. This is the average discharge current from the beginning of this discharge cycle until present time.
2
Average current: based off the AverageCurrent()
3
Current: based off of a low-pass-filtered version of AverageCurrent() (
τ = 14 s)
4
Design capacity / 5: C Rate based off of Design Capacity /5 or a C / 5 rate in mA
5
Use the value specified by AtRate()
6
Use the value in User_Rate-mA. This provides a completely user-configurable method.
If LOAD mode = 1 (Constant Power), then the following options are available:
Table 12. CONSTANT POWER Mode Used When LOAD Mode = 1
LoadSelect Value
Power Mode Used
Average discharge power from the previous cycle. There is an internal register that records the average discharge power through
0 (default)
each entire discharge cycle. The previous average is stored in this register.
Present average discharge power. This is the average discharge power from the beginning of this discharge cycle until the present
1
time.
2
Average current × voltage: based off the AverageCurrent() and Voltage()
3
Current × voltage: based off of a low-pass-filtered version of AverageCurrent() (
τ = 14 s) and Voltage()
4
Design energy / 5: C Rate based off of Design Energy /5 or a C / 5 rate in mA
5
Use the value specified by AtRate()
6
Use the value in User_Rate-mW/cW. This provides a completely user- configurable method.
Reserve Cap-mAh
Reserve
Cap-mAh
determines
how
much
actual
remaining
capacity
exists
after
reaching
0
RemainingCapacity(), before Terminate Voltage is reached. A loaded rate or no-load rate of compensation can
be selected for Reserve Cap by setting the [RESCAP] bit in the Pack Configuration register.
Reserve Cap-mWh/cWh
Reserve Cap-mWh determines how much actual remaining capacity exists after reaching 0 AvailableEnergy(),
before Terminate Voltage is reached. A loaded rate or no-load rate of compensation can be selected for
Reserve Cap by setting the [RESCAP] bit in the Pack Configuration register.
Design Energy Scale
Design Energy Scale is used to select the scale/unit of a set of data flash parameters. The value of Design
Energy Scale can be either 1 or 10 only.
Table 13. Data Flash Parameter Scale/Unit-Based on Design Energy Scale
Data Flash
Design Energy Scale = 1 (default)
Design Energy Scale = 10
Design Energy
mWh
cWh
Reserve Capacity –mWh/cWh
mWh
cWh
Avg Power Last Run
mW
cW
User Rate-mW/cW
mWh
cWh
T Rise
No Scale
Scaled by x10
Dsg Current Threshold
This register is used as a threshold by many functions in the bq28z560-R1 to determine if actual discharge
current is flowing into or out of the cell. The default for this register should be sufficient for most applications.
This threshold should be set low enough to be below any normal application load current but high enough to
prevent noise or drift from affecting the measurement.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: bq28z560-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com