Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ28Z560-R1 Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ28Z560-R1
Description  Single Cell Li-Ion Battery Gas Gauge and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z560-R1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ28Z560-R1 Datasheet HTML 3Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 4Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 5Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 6Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 7Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 8Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 9Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 10Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
bq28z560-R1
www.ti.com
SLUSBD3 – APRIL 2013
BATTERY PROTECTION (continued)
TA = –40 to +85ºC, VBAT =1.5 V to 5.5 V; Typical values stated, where TA = 25ºC and VBAT =3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
NOM
MAX
UNIT
tDET1
Overcharge detection delay time
VBAT = 3.5 V ≥ 4.5 V
0.60
1.00
1.50
s
tREL1
Overcharge release delay time
VBAT = 4.5 V ≥ 3.5 V
4.8
8.0
12.0
ms
TA = 25
˚C
2.265
2.300
2.335
VDET2
Over-discharge detection voltage
TA = –10 to 60
˚C
2.242
2.300
2.358
V
TA = –40 to 85
˚C
2.220
2.300
2.380
Over-discharge detection delay
tDET2
VBAT = 3.5 V ≥ 2.00 V
14.4
24.0
36.0
ms
time
Over-discharge release delay
VBAT = 3 V
tREL2
2.4
4.0
6.0
ms
time
VM = 3 V
≥ 0 V
Overcurrent detection voltage on
VDET3
VBAT = 4 V
0.130
0.150
0.170
V
discharge
Overcurrent detection voltage on
VDET4
VBAT = 4 V
–0.137
–0.112
–0.087
V
charging
VBAT = 3 V
tOCD
Overcurrent detection delay time
7.2
12.0
18.0
ms
VM = 0 V
≥ 1V
VBAT = 3 V
tOCR
Overcurrent release delay time
2.4
4.0
6.0
ms
VM = 3 V
≥ 0 V
VBAT
VSHORT
Short detection voltage
VBAT = 4 V, RPACKN = 510 Ω
VBAT – 1.2
VBAT – 0.6
V
0.9
VBAT = 3 V
tSHORT
Short detection delay time
200
400
800
µs
VM = 0V
≥ 3 V
VOLTAGE REGULATOR
TA = –40 to +85ºC, VBAT =1.5 V to 5.5 V; Typical values stated, where TA = 25ºC and VBAT =3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
2.7 V < VBAT < 5.5 V, IOUT = 16 mA
2.45
2.50
2.55
V
VREG
Output voltage
2.45 V < VBAT < 2.7 V, IOUT = 3 mA
2.40
ΔVLINE
Line regulation
2.7 V < VBAT < 5.5 V, IOUT = 16 mA
100
200
mV
VREG = 2.45 V, 100 µA < IOUT < 3 mA
30
50
ΔVLOAD
Load regulation
mV
VBAT = 2.7 V, 3 mA < IOUT < 16 mA
30
50
VBAT = 2.45 V, IOUT = 3 mA
30
50
VDO
Dropout voltage
mV
VBAT = 2.7 V, IOUT = 16 mA
30
50
Output voltage temperature
ΔVREG/ΔT
VBAT = 3.5 V, IOUT = 100 µA
100
ppm/°C
coefficient
VBAT = 3.5 V, IREG = 2.0 V
16
130
ΔVLINE
Current limit
mA
VBAT = 3.5 V, IREG = 0 V
10
35
60
VOFF
Regulator off voltage
7.0
8.0
9.0
V
VBAT = 3.6 V → 5.5 V, Rload = 100 Ω
tVOFF
Regulator off voltage delay time
VREG = 2.5 V → 2.3 V, Cload = 0.1 µF,
50
100
µs
TA = 25°C
POWER-ON RESET
TA = –40 to +85ºC; Typical Values at TA = 25ºC (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Positive-going battery voltage input
VIT+
No external loading on VREG
2.125
2.200
2.275
V
at VREG
VHYS
No external loading on VREG
75
125
175
mV
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: bq28z560-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com