Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ28Z560-R1 Datasheet(PDF) 37 Page - Texas Instruments

Part # BQ28Z560-R1
Description  Single Cell Li-Ion Battery Gas Gauge and Protection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z560-R1 Datasheet(HTML) 37 Page - Texas Instruments

Back Button BQ28Z560-R1 Datasheet HTML 33Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 34Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 35Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 36Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 37Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 38Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 39Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 40Page - Texas Instruments BQ28Z560-R1 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
bq28z560-R1
www.ti.com
SLUSBD3 – APRIL 2013
RESCAP = No-load rate of compensation is applied to the reserve capacity calculation. True when set. Default is 0.
CalEn = bq28z560-R1 CALIBRATION mode is enabled. Default is 0.
RSVD = Reserved. Default = 0
RSVD = Reserved. Default = 0.
RSVD = Reserved. Default = 0.
GNDSEL = The ADC ground select control. The VSS (Pin 6) is selected as ground reference when the bit is clear. Pin 7 is
selected when the bit is set. Default is 0.
IWAKE/RSNS1/RSNS0 = These bits configure the current wake function. Default is 0/0/1.
GNDSEL = The ADC ground select control. The VSS (Pin 6) is selected as ground reference when the bit is clear. Pin 7 is
selected when the bit is set. Default is 0.
ResFactStep = Enables Ra step up/down to Max/Min Res Factor before disabling Ra updates. Default is 1.
SLEEP = The gas gauge can enter sleep, if operating conditions allow. True when set. Default is 1.
RMFCC = RM is updated with the value from FCC, on valid charge termination. True when set. Default is 1.
CLR_READ = Clear on Read the Fault Flag register. True when set. Default = 0.
ALRT_POL = Set polarity of Alert output. Set to 1 means active high, so any faults detected will change output from low to
high. Default = 0, which means any fault detected will change output from high to low.
RSVD = Reserved. Default = 0.
TEMPS = Selects external thermistor for Temperature() measurements. True when set. Default is 1.
Pack Configuration B Register
Some bq28z560-R1 pins are configured via the Pack Configuration B data flash register, as indicated in
Table 16. This register is programmed/read via the methods described in ACCESSING THE DATA FLASH. The
register is located at subclass = 64, offset = 2.
Table 16. Pack Configuration B Bit Definition
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ChgDoDEoC
SE_TDD
VconsEN
SE_ISD
JEITA
LFPRelax
DoDWT
FConvEn
ChgDoDEoC = Enable DoD at EoC during charging only. True when set. Default is 1. Default setting is recommended.
SE_TDD = Enable Tab Disconnection Detection. True when set. Default is 1.
VconsEN = Enable voltage consistency check. True when set. Default is 1. Default setting is recommended.
SE_ISD = Enable Internal Short Detection. True when set. Default is 1.
JEITA = Enable JEITA Temperature Charging function. True when set. Default is 1.
LFPRelax = Enable LiFePO4 long RELAX mode when chemical ID 400 series is selected. True when set. Default is 1.
DoDWT = Enable Dod weighting for LiFePO4 support when chemical ID 400 series is selected. True when set. Default is
1.
FConvEn = Enable fast convergence algorithm. Default is 1. Default setting is recommended.
Pack Configuration C Register
Some bq28z560-R1 algorithm settings are configured via the Pack Configuration C data flash register, as
indicated in Table 17. This register is programmed/read via the methods described in ACCESSING THE DATA
FLASH. The register is located at subclass = 64, offset = 3.
Table 17. Pack Configuration C Bit Definition
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RSVD
RSVDSBS
PIN12F1
PIN12F0
SleepWakeChg
ChgFetTerm
CFET_INIT
DFET_INIT
RSVD = Reserved. Default = 0.
RSVDSBS = Reserved for SBS command set. True when set. Default is 0.
PIN12F1 = In combination with PIN12F0 will set the operation mode of pin 12 (see below).
PIN12F0 = In combination with PIN12F1 will set the operation mode of pin 12 (see below).
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: bq28z560-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com