Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS28F640P30TF75A Datasheet(PDF) 7 Page - Micron Technology

Part # JS28F640P30TF75A
Description  Numonyx짰 Axcell??P30-65nm Flash Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F640P30TF75A Datasheet(HTML) 7 Page - Micron Technology

Back Button JS28F640P30TF75A Datasheet HTML 3Page - Micron Technology JS28F640P30TF75A Datasheet HTML 4Page - Micron Technology JS28F640P30TF75A Datasheet HTML 5Page - Micron Technology JS28F640P30TF75A Datasheet HTML 6Page - Micron Technology JS28F640P30TF75A Datasheet HTML 7Page - Micron Technology JS28F640P30TF75A Datasheet HTML 8Page - Micron Technology JS28F640P30TF75A Datasheet HTML 9Page - Micron Technology JS28F640P30TF75A Datasheet HTML 10Page - Micron Technology JS28F640P30TF75A Datasheet HTML 11Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 90 page
background image
Datasheet
Apr 2010
7
Order Number:208033-02
P30-65nm SBC
2.0
Package Information
2.1
56-Lead TSOP
Figure 2: TSOP Mechanical Specifications
Table 1:
TSOP Package Dimensions (Sheet 1 of 2)
Product Information
Symbol
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
Package Height
A
-
-
1.200
-
-
0.047
Standoff
A1
0.050
-
-
0.002
-
-
Package Body Thickness
A2
0.965
0.995
1.025
0.038
0.039
0.040
Lead Width
b
0.100
0.150
0.200
0.004
0.006
0.008
Lead Thickness
C
0.100
0.150
0.200
0.004
0.006
0.008
Package Body Length
D1
18.200
18.400
18.600
0.717
0.724
0.732
Package Body Width
E
13.800
14.000
14.200
0.543
0.551
0.559
Lead Pitch
e
-
0.500
-
-
0.0197
-
Terminal Dimension
D
19.800
20.00
20.200
0.780
0.787
0.795
Lead Tip Length
L
0.500
0.600
0.700
0.020
0.024
0.028
A
0
L
Detail A
Y
D
C
Z
Pin 1
E
D1
b
Detail B
See Detail A
e
See Detail B
A1
Seating
Plane
A2
See Note 2
See Notes 1 and 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com