Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS28F640P30TF75A Datasheet(PDF) 9 Page - Micron Technology

Part # JS28F640P30TF75A
Description  Numonyx짰 Axcell??P30-65nm Flash Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F640P30TF75A Datasheet(HTML) 9 Page - Micron Technology

Back Button JS28F640P30TF75A Datasheet HTML 5Page - Micron Technology JS28F640P30TF75A Datasheet HTML 6Page - Micron Technology JS28F640P30TF75A Datasheet HTML 7Page - Micron Technology JS28F640P30TF75A Datasheet HTML 8Page - Micron Technology JS28F640P30TF75A Datasheet HTML 9Page - Micron Technology JS28F640P30TF75A Datasheet HTML 10Page - Micron Technology JS28F640P30TF75A Datasheet HTML 11Page - Micron Technology JS28F640P30TF75A Datasheet HTML 12Page - Micron Technology JS28F640P30TF75A Datasheet HTML 13Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 90 page
background image
Datasheet
Apr 2010
9
Order Number:208033-02
P30-65nm SBC
Package Body Length
E
12.900
13.000
13.100
0.5079
0.5118
0.5157
Pitch
e
-
1.000
-
-
0.0394
-
Ball (Lead) Count
N
-
64
-
-
64
-
Seating Plane Coplanarity
Y
-
-
0.100
-
-
0.0039
Corner to Ball A1 Distance Along D
S1
1.400
1.500
1.600
0.0551
0.0591
0.0630
Corner to Ball A1 Distance Along E
S2
2.900
3.000
3.100
0.1142
0.1181
0.1220
Note:
Daisy Chain Evaluation Unit information is at Numonyx™ Flash Memory Packaging Technology http://
developer.Numonyx.com/design/flash/packtech.
Table 2:
Easy BGA Package Dimensions for 10x13x1.2 mm (Sheet 2 of 2)
Product Information
Symbol
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com